M2UDS2-23-R2/N
AI

Based on the part number **M2UDS2-23-R2/N**, this component belongs to the **M2U Series** of industrial-grade timers/monitors, typically manufactured by companies like **Grainger (Dayton)** or specialized automation hardware providers.
Below is a detailed breakdown of its electronic characteristics and specifications.
---
### 1. General Specifications
The M2UDS2 series consists of **True Off-Delay Timers**. These are designed to keep a circuit active for a set duration after the input power is removed.
| Feature | Specification |
| :--- | :--- |
| **Function** | True Off-Delay (Delay on Release) |
| **Input Voltage** | 24V AC/DC or 120V AC (Series dependent) |
| **Time Range** | 2 to 30 Seconds (Adjustable) |
| **Contact Form** | DPDT (2 Form C) |
| **Mounting** | 8-Pin Round Plug-in (Octal Base) |
| **Output Rating** | 10A @ 240VAC / 30VDC |
---
### 2. Functional Analysis
The "True Off-Delay" functionality is achieved through internal energy storage (usually a large capacitor).
* **Power Applied:** When power is first applied, the internal relay energizes immediately, and the contacts switch positions.
* **Power Removed:** When the control power is cut off, the timer begins its countdown using stored energy.
* **Timing Out:** Once the set time (2-30 seconds) expires, the relay de-energizes, and the contacts return to their normal state.
* **Reset:** If power is reapplied during the timing cycle, the timer resets and the relay remains energized.
---
### 3. Pin Configuration (8-Pin Octal)
The device uses a standard industrial pinout for 8-pin relay sockets.
| Pin Number | Function |
| :--- | :--- |
| **2 & 7** | Input Power (Control Voltage) |
| **1** | Common (Pole 1) |
| **3** | Normally Open (Pole 1) |
| **4** | Normally Closed (Pole 1) |
| **8** | Common (Pole 2) |
| **6** | Normally Open (Pole 2) |
| **5** | Normally Closed (Pole 2) |
---
### 4. Part Number Breakdown
The suffixing usually denotes specific revisions or environmental ratings:
* **M2U:** Series identifier (Miniature Industrial Timer).
* **DS2:** Off-Delay functionality with DPDT contacts.
* **23:** Indicates the timing range (e.g., Code 23 often represents the 2-30s scale).
* **R2/N:** Revision 2, Non-sealed or specific RoHS compliance indicator.
---
### 5. Application Use Cases
* **HVAC Systems:** Keeping a fan running for a short period after the heater shuts off.
* **Safety Buffers:** Ensuring a machine completes a cycle even if a main power switch is tripped.
* **Motor Control:** Preventing rapid cycling or providing "coast-down" time for industrial motors.
- ⤷
What is the difference between an Off-Delay and an On-Delay timer?
- ⤷ How do I wire this timer to a standard 8-pin socket?
- ⤷ What are the power requirements for the M2UDS2-23-R2/N?