Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

  • M2UDS2-24-R2/N

  • AI
    The **M2UDS2-24-R2/N** is a specific model of an **Electronic Timer Relay** (also known as a Time Delay Relay) typically manufactured by companies like **Carlo Gavazzi** or **Selec**. These devices are used in industrial automation to control the timing of electrical circuits. Below is a breakdown of the electronic parts, specifications, and functions of this component. ### 1. Technical Specifications The model name typically encodes the following electronic parameters: | Feature | Specification | Description | | :--- | :--- | :--- | | **Input Voltage** | 24V AC/DC | Operates on low-voltage industrial power supplies. | | **Output Type** | Relay (DPDT/2C) | Mechanical relay outputs for switching loads. | | **Function** | Multi-function | Can perform On-Delay, Off-Delay, Interval, etc. | | **Mounting** | DIN Rail / Plug-in | Designed for industrial control panels. | | **Contact Rating** | 5A to 8A | Maximum current the internal contacts can handle. | --- ### 2. Core Electronic Components Inside the housing, the M2UDS2-24-R2/N consists of several functional electronic stages: #### A. Power Supply Unit (PSU) * **Rectifier Bridge:** Converts AC input to DC if AC power is applied. * **Voltage Regulator:** Stabilizes the input (24V) to a lower logic voltage (typically 3.3V or 5V) to power the internal timing chip. #### B. Control Logic (The "Brain") * **Microcontroller or Timer IC:** Most modern versions use a small microcontroller to handle the timing logic. Older versions may use an analog RC (Resistor-Capacitor) oscillator circuit. * **DIP Switches / Potentiometers:** Located on the front face, these allow the user to set the time range (seconds, minutes, hours) and the specific timing function. #### C. Switching Output * **Electromechanical Relay:** A physical coil and contact set. When the timer reaches its set point, the coil is energized, moving the contacts to open or close the external circuit. * **Flyback Diode:** Placed across the relay coil to protect the internal electronics from voltage spikes when the relay switches off. --- ### 3. Connection Diagram (Standard) The wiring usually follows a standard industrial pinout: ```text Pin/Terminal | Function -------------|-------------------------- A1 (+) | Power Supply Positive (24V) A2 (-) | Power Supply Negative (0V) 15 / 18 / 16 | Common / NO / NC (Contact 1) 25 / 28 / 26 | Common / NO / NC (Contact 2) S (Trigger) | External trigger signal (if applicable) ``` --- ### 4. Key Operational Modes This unit is "Multi-function," meaning it can be programmed for: 1. **On-Delay:** Timer starts when power is applied; contacts switch after the delay. 2. **Interval:** Contacts switch immediately when power is applied and turn off after the delay. 3. **Cyclic:** Flashes the output on and off repeatedly based on the set time.
    ✨ Follow-up Questions
    • ⤷ How do I wire this relay for an On-Delay motor starter?
    • ⤷ What is the maximum switching frequency for the mechanical contacts?
    • ⤷ Can this unit be used with 110V AC instead of 24V?