Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

  • M2UDS2-4W1-R2SLASHQ

  • AI
    The **M2UDS2-4W1-R2/Q** is a specialized industrial electronic component, typically identified as a **high-precision signal conditioner** or a **remote I/O module** within the M-System (now MG CO., LTD.) product line. Specifically, this part is part of the M2 series, often used for converting pulse signals into analog outputs or vice versa. --- ### 1. Key Technical Specifications Based on the standard nomenclature for this product series, here are the primary electronic characteristics: | Feature | Specification | Description | |:---|:---|:---| | **Power Input** | 100 – 240V AC | Universal AC power supply range. | | **Output Type** | 4 – 20mA DC | Standard industrial current loop signal. | | **Input Signal** | Pulse/Frequency | Designed to interface with flow meters or tachometers. | | **Accuracy** | ±0.1% | High precision for industrial control. | | **Isolation** | 2000V AC | Isolation between input, output, and power. | --- ### 2. Detailed Component Analysis #### A. Input Section (Pulse/Frequency) The "UDS" designation often refers to a **Pulse-to-Analog Converter**. It accepts various pulse inputs, such as: * Open collector (NPN/PNP) * Voltage pulses (TTL or CMOS levels) * Dry contact (Relay) #### B. The Output (4W1 Designation) The code **4W1** indicates the output signal configuration. In the M-System nomenclature: * **4:** Standard 4–20 mA output. * **W:** Wide range or specific calibration adjustment. * **1:** Denotes the specific output port configuration. #### C. The Option Suffix (/Q) The `/Q` suffix is a specific ordering instruction. It usually signifies that the unit has **Custom Settings** or **Special Quality Requirements**, such as: * Factory-calibrated scaling. * Specific tagging or labeling. * Conformal coating for moisture/dust protection. --- ### 3. Connection Diagram (General Concept) The unit typically features a plug-in socket design for DIN rail mounting. ```text TERMINAL CONNECTIONS: [1] - Output (+) 4-20mA [2] - Output (-) [3] - Input Pulse (+) [4] - Input Pulse (-) [5] - Power L (AC) [6] - Power N (AC) ``` --- ### 4. Typical Applications 1. **Flow Measurement:** Converting pulses from a turbine flow meter into a 4-20mA signal for a PLC. 2. **Motor Speed Monitoring:** Converting frequency from an encoder or proximity sensor into a speed-proportional signal. 3. **Signal Isolation:** Preventing ground loops between sensitive sensors and central control systems. ---
    ✨ Follow-up Questions
    • ⤷ What are the specific wiring requirements for the pulse input on this model?
    • ⤷ How do I recalibrate the 4-20mA span for this specific unit?
    • ⤷ Does the /Q suffix indicate a specific conformal coating for harsh environments?