Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

  • M2UDS2-4W4-R2

  • AI
    The **M2UDS2-4W4-R2** is a high-precision digital display meter, specifically a **digital bar graph indicator**, typically manufactured by companies like M-System (now MG CO., LTD). It is designed to receive analog signals and convert them into both a visual bar graph and a numeric LED readout. --- ### 1. Key Technical Specifications Below are the primary electronic characteristics of the M2UDS2-4W4-R2: | Feature | Specification | | :--- | :--- | | **Input Type** | 4 to 20 mA DC (Current) | | **Power Input** | 100 – 240V AC (Standard Mains) | | **Display Type** | 101-segment Red LED Bar + 4-digit Numeric Display | | **Output Type** | Relay Contact Outputs (High/Low Alarms) | | **Enclosure** | 1/8 DIN Size (48 x 96 mm) | | **Accuracy** | ±0.1% of span (Numeric); ±1% (Bar graph) | --- ### 2. Core Electronic Components & Functions The device operates through several integrated subsystems: #### A. Input Conditioning Circuit * **Shunt Resistor:** Since the model is a "4W4" (Current input), it utilizes a high-precision internal resistor to convert the 4-20mA current loop into a voltage that the internal processor can read. * **Isolation:** The input signal is galvanically isolated from the power supply and output contacts to prevent ground loops and protect upstream PLCs. #### B. Processing & Conversion * **A/D Converter:** A high-resolution Analog-to-Digital converter translates the continuous electrical signal into discrete data points. * **Microprocessor:** Manages the scaling (e.g., converting 4-20mA to 0-100.0%) and controls the alarm logic based on user-defined setpoints. #### C. Display Modules * **Bar Graph:** Consists of a 101-segment LED array. This provides an "analog feel" for quick visual monitoring of process trends. * **Digital Readout:** A 4-digit 7-segment LED display for precise numerical measurement. #### D. Alarm Outputs (Relay) * The "R2" suffix usually indicates **2 Relay Outputs**. These are physical electromechanical switches used to trigger external sirens, lights, or shut down machinery if the input signal goes above or below a certain threshold. --- ### 3. Application Use-Case The M2UDS2-4W4-R2 is commonly used in industrial control panels for: 1. **Level Monitoring:** Displaying the height of liquid in a tank via a pressure transmitter. 2. **Pressure Display:** Showing the PSI or Bar of a hydraulic system. 3. **Temperature Indication:** Working with a signal conditioner to show oven or furnace heat. ---
    ✨ Follow-up Questions
    • ⤷ How do you wire the 4-20mA input to this specific model?
    • ⤷ What is the procedure for scaling the 4-digit display to custom units?
    • ⤷ Can this model be ordered with a DC power supply instead of AC?