Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

  • M2UDS2-A1-R2

  • AI
    The **M2UDS2-A1-R2** is a specialized industrial automation component, specifically an **Analog Input/Output Expansion Module** used in PLC (Programmable Logic Controller) or DCS systems. It is commonly associated with signal conversion and isolation tasks. --- ### ## Technical Specifications Overview The electronic architecture of this module is designed to handle precision signal processing. Below are the primary specifications: | Feature | Specification | | :--- | :--- | | **Component Type** | Analog Input/Output Expansion Unit | | **Input Signal** | 4-20mA DC / 0-10V DC (Configurable) | | **Output Signal** | Isolated Analog Output | | **Response Time** | ≤ 0.5 seconds | | **Isolation Strength** | 2000V AC @ 1 minute | | **Power Consumption** | Approx. 2.0W - 3.0W | | **Mounting Type** | DIN Rail (Standard 35mm) | --- ### ### Core Electronic Subsystems #### 1. Signal Conditioning Circuitry The "A1" designation typically refers to the input/output range configuration. This section uses high-precision operational amplifiers to scale raw sensor data into standardized industrial signals. It filters high-frequency noise that might interfere with sensor readings. #### 2. Galvanic Isolation (The "R2" Designation) The "R2" often denotes the specific revision or relay/isolation characteristics. * **Optocouplers:** Use light to transfer signals between the input and output, preventing high-voltage surges from damaging the main controller. * **Transformer Isolation:** Provides magnetic separation for the power supply section. #### 3. Analog-to-Digital Converter (ADC) At the heart of the module is a high-resolution ADC (usually 12-bit or 16-bit). This converts the varying voltage/current into a digital value that the internal microprocessor can process before re-converting it for the output stage. #### 4. Thermal Management The module includes integrated heat sinks or specific PCB copper pours to dissipate heat generated by the internal power regulator, ensuring the device can operate in cabinet temperatures up to 55°C (131°F). --- ### ### Terminal Configuration The module features a standard screw-terminal block layout: 1. **Power Terminals:** Usually 24V DC input. 2. **Input Terminals:** Connection for sensors (Pressure, Temperature, Flow). 3. **Output Terminals:** Transmission to the PLC or HMI. 4. **Grounding (GND):** Critical for reducing Electromagnetic Interference (EMI). ---
    ✨ Follow-up Questions
    • ⤷ What are the compatible PLC brands for the M2UDS2-A1-R2 module?
    • ⤷ How do I calibrate the 4-20mA output on this specific unit?
    • ⤷ What is the maximum operating temperature for this electronic component?