M2UDS2-B5-R2/N
AI

The **M2UDS2-B5-R2/N** is a specific model of a **Digital Panel Meter** (Timer/Counter/Tachometer) manufactured by **Autonics**. These devices are used in industrial automation to monitor and control processes by measuring frequency, speed, or time.
---
### 1. Technical Specifications Table
| Feature | Specification |
| :--- | :--- |
| **Series** | M2U Series (Compact Digital Meter) |
| **Display Method** | 4-digit LED (Red/Green/Orange selectable) |
| **Power Supply** | 100-240VAC (Standard AC range) |
| **Input Type** | Pulse/NPN/PNP Input |
| **Output Type** | Relay Output (Control signal) |
| **Housing Size** | W72 x H36 mm |
| **Operating Modes** | Timer, Counter, or Tachometer (Speedometer) |
---
### 2. Key Electronic Components & Functions
The internal circuitry of the M2UDS2 series consists of several critical modules:
* **Microcontroller (MCU):** The "brain" that processes high-speed input pulses and calculates the logic for timing or counting.
* **Switching Power Supply (SMPS):** Converts the AC line voltage (100-240V) into low-voltage DC (typically 5V or 12V) to power the internal sensors and logic circuits.
* **Optocouplers:** These are used for **Galvanic Isolation** to protect the internal electronics from high-voltage spikes or noise coming from the input sensors.
* **Relay Driver:** A transistor circuit that energizes the mechanical relay when a setpoint is reached (e.g., when a count of 1,000 is hit).
* **LED Driver IC:** Controls the high-brightness 7-segment display to ensure visibility in industrial environments.
---
### 3. Application Use Cases
This part is commonly integrated into control panels for the following purposes:
1. **Tachometer Mode:** Measuring the RPM (Rotations Per Minute) of a motor using a proximity sensor.
2. **Counter Mode:** Counting the number of products passing through a conveyor belt using a photo-eye sensor.
3. **Timer Mode:** Managing the duration of a specific process, such as a heating cycle or a pneumatic press stroke.
---
### 4. Terminal Configuration (Internal Logic)
```text
[ Power L ] ---- [ Fuse/Filter ] ---- [ SMPS ] ---- [ Internal MCU ]
[ Power N ] |
|
[ Sensor Input ] ---- [ Optoisolator ] -------------------|
|
[ Relay Out ] <------ [ Relay Driver ] <------------------|
```
- ⤷
What is the maximum input frequency (Hz) supported by the M2UDS2 model?
- ⤷ How do I wire an NPN sensor to the M2UDS2-B5-R2/N?
- ⤷ Can the display color be changed via software settings?