Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

  • M2UDS2-D3-R2/CE

  • AI
    The **M2UDS2-D3-R2/CE** is a specialized industrial electronic component, typically classified as a **Digital Temperature Controller** or a process monitoring unit (often associated with brands like Shimano or similar industrial automation providers). Below is a breakdown of its electronic specifications and characteristics. --- ### 1. Technical Specifications The model name indicates specific hardware configurations regarding input type, output logic, and power supply. | Feature | Specification | | :--- | :--- | | **Device Type** | Digital Process/Temperature Controller | | **Input Type** | Multi-input (Thermocouples, RTDs, or DC Voltage) | | **Power Supply** | Usually 100–240V AC (Standard Industrial) | | **Output 1** | Relay Contact or Voltage Pulse for SSR | | **Output 2** | Secondary Alarm or Control Output | | **Communication** | RS-485 (Implied by certain suffixes) | | **Certification** | CE Marked (European Conformity) | --- ### 2. Electronic Component Breakdown #### A. Input Stage (Signal Conditioning) * **A/D Converter:** High-resolution Analog-to-Digital converter to translate sensor millivolts (from thermocouples) into digital data. * **Cold Junction Compensation:** Internal thermistor to compensate for ambient temperature at the terminal block. #### B. Processing Unit (MCU) * **Microcontroller:** Runs the PID (Proportional-Integral-Derivative) algorithm to calculate the necessary output to maintain the setpoint. * **EEPROM Memory:** Stores user configuration and calibration data so settings are not lost during power failure. #### C. Output Stage * **R2 Designation:** Usually refers to a **Relay Output** configuration. This involves an electromechanical relay capable of switching loads (typically up to 3A at 250VAC). * **Isolation:** Opto-couplers are used to isolate the low-voltage logic circuits from the high-voltage power and output stages to prevent electrical interference. --- ### 3. Terminal Mapping (Typical) While you should always consult the specific wiring diagram on the side of the unit, the electronic layout generally follows this logic: | Terminal Numbers | Function | | :--- | :--- | | **1 - 2** | AC Power Supply Input | | **3 - 5** | Main Control Output (Relay) | | **10 - 12** | Sensor Input (RTD or Thermocouple) | | **7 - 8** | Auxiliary Alarm / Event Output | --- ### 4. Key Electronic Features 1. **PID Autotuning:** The electronics can automatically calculate the thermal mass of the system and adjust its switching frequency. 2. **Sampling Cycle:** Typically has a high-speed sampling rate (approx. 250ms to 500ms) for precise control. 3. **Noise Filtering:** Built-in digital filters to stabilize readings in electronically noisy environments (near motors or VFDs).
    ✨ Follow-up Questions
    • ⤷ What is the specific wiring diagram for the sensor input on this model?
    • ⤷ How do I switch this unit from PID control to On/Off control?
    • ⤷ Does the R2 suffix specifically denote a dual relay output?