Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

  • M2UDS2-D4-R2/N

  • AI
    The **M2UDS2-D4-R2/N** is a specific model of an **Ultrasonic Displacement Sensor** (often part of a series produced by manufacturers like Koyo/Costac or similar industrial automation brands). These sensors are used for non-contact distance measurement and object detection using ultrasonic waves. --- ### 1. Key Technical Specifications Based on the standard nomenclature for this series, the electronic and functional characteristics are as follows: | Feature | Specification | | :--- | :--- | | **Sensing Method** | Ultrasonic (Time-of-Flight) | | **Output Type** | PNP Open Collector (typically indicated by /N or /P variants) | | **Control Output** | 2 Outputs (Dual output for high/low limits) | | **Operating Voltage** | 12 to 24V DC (±10% ripple) | | **Sensing Range** | Typically 40mm to 300mm (model dependent) | | **Current Consumption** | ~50mA or less | | **Response Time** | Fast response (approx. 5ms - 20ms) | --- ### 2. Electronic Components & Internal Logic The device operates through a sophisticated internal circuit designed to handle high-frequency sound waves: 1. **Ultrasonic Transducer:** The "heart" of the sensor. It acts as both a speaker (to emit a 200-400 kHz pulse) and a microphone (to receive the echo). 2. **Oscillator Circuit:** Generates the high-frequency electrical signal that drives the transducer. 3. **Signal Processing Unit (ASIC/MCU):** * **Timer:** Measures the exact time between emission and reception. * **Comparator:** Analyzes the amplitude of the returning echo to filter out background noise. 4. **Temperature Compensation:** Since the speed of sound changes with air temperature, the electronics include a thermistor to adjust calculations automatically. 5. **Output Stage:** Uses a transistor (Bipolar Junction Transistor) to switch the load. The "D4" typically signifies the connection type (often an M12 4-pin connector). --- ### 3. Wiring and Pin Configuration Standard electronic wiring for this 4-pin DC sensor usually follows this convention: | Pin Number | Wire Color | Function | | :--- | :--- | :--- | | **1** | Brown | +V (Positive Power Supply) | | **2** | White | Output 2 (Secondary threshold) | | **3** | Blue | 0V (Ground) | | **4** | Black | Output 1 (Primary threshold) | --- ### 4. Application Context The electronics are hardened for industrial environments (IP67 rating), making them suitable for: * **Liquid Level Sensing:** Detecting the surface of liquids in tanks. * **Web Tension Control:** Measuring the diameter of a roll of paper or plastic. * **Clear Object Detection:** Detecting glass or transparent films that optical sensors cannot "see." ---
    ✨ Follow-up Questions
    • ⤷ What is the difference between the NPN and PNP output versions for this sensor?
    • ⤷ How does the 'Dual Output' feature function in a practical automation loop?
    • ⤷ Does this sensor require a specific mounting angle to avoid interference?