Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

  • M2UDS2-D6-R2

  • AI
    The **M2UDS2-D6-R2** is a specialized electronic component, typically categorized as a **Twin-Timer** or **Repeat-Cycle Timer Relay**, often manufactured by companies like **Carlo Gavazzi** or specialized industrial control brands. Below is a detailed breakdown of its technical specifications and electronic functions. --- ### 1. General Specifications This device is designed for industrial automation to control the timing of electrical loads in repetitive cycles. | Feature | Specification | | :--- | :--- | | **Function** | Repeat Cycle Timer (Asymmetrical) | | **Mounting** | DIN-rail Mounting | | **Supply Voltage** | 24VDC or 24-240VAC (Model dependent, usually Universal) | | **Output Type** | Relay Contact (SPDT or DPDT) | | **Contact Rating** | Usually 5A to 8A @ 250VAC | | **Time Ranges** | Selectable (e.g., 0.1s to 100h) | --- ### 2. Core Electronic Functions The "M2U" series generally operates using an internal microprocessor or an analog-to-digital timing circuit. * **Asymmetrical Recycler:** The "D6" designation often refers to its ability to have two independent time settings: * **T1 (ON-Time):** How long the relay stays energized. * **T2 (OFF-Time):** How long the relay stays de-energized. * **Knob Adjustments:** The faceplate features rotary potentiometers to set the time scale and the specific percentage of that scale for both cycles. * **LED Indicators:** * **Power LED:** Indicates the device is energized. * **Relay LED:** Indicates if the output contact is currently active. --- ### 3. Wiring Configuration The back or side of the unit contains terminal blocks. A typical configuration for this series is: ```text Terminal Description ----------------------- A1 / A2 Power Supply Input 15 Common (C) 16 Normally Closed (NC) 18 Normally Open (NO) ``` --- ### 4. Application Examples Because the M2UDS2-D6-R2 allows for separate ON and OFF durations, it is used in: 1. **Lubrication Systems:** Injecting oil for 5 seconds every 2 hours. 2. **Ventilation:** Running a fan for 10 minutes every hour. 3. **Chemical Dosing:** Activating a pump for short bursts at long intervals. 4. **Flashing Lights:** Creating specific strobe patterns for industrial warnings. ---
    ✨ Follow-up Questions
    • ⤷ What is the difference between an asymmetrical and a symmetrical recycler timer?
    • ⤷ How do I calculate the time range if the dial is set to 10h and 50%?
    • ⤷ Can this relay be triggered by an external start signal or does it start on power-up?