M2UDS2-FW2-R2
AI

The **M2UDS2-FW2-R2** is a specific model within the M2UDS series, typically associated with **M-System (now MG CO., LTD.)**. It is a **Digital Speed Monitor** or **Pulse-to-Analog Transducer**.
Below is a detailed breakdown of its electronic specifications and functionalities.
---
### ## 1. Product Overview
The M2UDS2-FW2-R2 is a plug-in signal conditioner designed to accept pulse frequency signals (from flow meters, encoders, or proximity switches) and convert them into standardized analog signals or contact outputs.
### ## 2. Model Number Breakdown
| Code | Meaning |
| :--- | :--- |
| **M2UDS2** | Series Name: Digital Speed Monitor (Plug-in type) |
| **FW2** | Input Range/Type: Typically indicates a specific Frequency Range (e.g., 0–10 kHz) |
| **R** | Power Input: 24V DC |
| **2** | Output 2: Often signifies a dual-output configuration (e.g., 4-20mA DC) |
---
### ## 3. Technical Specifications
#### ### Input Section
* **Pulse Input:** Accepts various pulse types (Open collector, Voltage pulses, or Dry contacts).
* **Detection Level:** Adjustable sensitivity to filter out noise.
* **Frequency Range:** Configurable via internal DIP switches or PC software.
#### ### Output Section
* **Analog Output:** Converts frequency to a linear 4-20mA or 0-10V signal.
* **Alarm Outputs:** Often includes two relay contact outputs for High/Low speed alarms.
* **Display:** Features a 4-digit LED display on the front panel to monitor the current frequency or percentage.
#### ### General Characteristics
| Feature | Specification |
| :--- | :--- |
| **Supply Voltage** | 24V DC (±10%) |
| **Isolation** | 3-way isolation (Input to Output to Power) |
| **Dielectric Strength** | 2000V AC @ 1 minute |
| **Mounting** | DIN Rail or Surface Mount via Socket |
| **Response Time** | $\leq$ 0.5 seconds + 1 cycle of input frequency |
---
### ## 4. Wiring Diagram Representation
To wire this unit, you typically follow this logic:
```text
Terminal Function
[1] Output 1 (+)
[2] Output 1 (-)
[3] Output 2 (+) / Alarm
[4] Output 2 (-) / Alarm
[5] Input (+)
[6] Input (-)
[7] Power Supply (+) 24V DC
[8] Power Supply (-) 0V
```
---
### ## 5. Key Electronic Features
* **Microprocessor-Based:** High accuracy and stability compared to older analog frequency converters.
* **Filtering:** Built-in digital filtering to handle irregular pulse intervals.
* **Burnout Protection:** Can be set to output a specific value if the input signal is lost.
- ⤷
What are the specific frequency range options for the FW2 code?
- ⤷ How do I configure the alarm setpoints on the M2UDS2?
- ⤷ Can this unit be used with a 3-wire NPN proximity sensor?