Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

  • M2UDS2-FW5-R

  • AI
    The **M2UDS2-FW5-R** belongs to a specialized category of industrial interface modules, typically associated with signal conditioners or isolated converters manufactured by companies like **M-System (MG CO., LTD)**. Below is a detailed breakdown of its electronic components and specifications. --- ### 1. General Specifications This device is primarily used to convert signals between field instruments and control systems (like PLC or DCS) while ensuring galvanic isolation. | Feature | Specification | | :--- | :--- | | **Model Series** | M2 Series (Mini-M) | | **Input Signal** | Universal (Configurable via internal jumpers or switches) | | **Output Signal** | Isolated DC Output | | **Power Input (FW5)** | 110V - 240V AC (Wide Range) | | **Response Time** | Standard (~0.5 seconds or less) | | **Isolation** | Input to Output to Power | --- ### 2. Electronic Hardware Components The internal architecture of the M2UDS2-FW5-R consists of several functional blocks: #### A. Power Supply Stage (FW5) * **Switch-Mode Power Supply (SMPS):** Converts the AC mains input (110-240V) into regulated DC voltages for internal logic. * **Filtering:** Includes EMI filters and surge protection components (MOVs) to handle industrial noise. #### B. Input Conditioning Circuit * **Precision Resistors:** Used for current sensing (e.g., 4-20mA to voltage conversion). * **Operational Amplifiers (Op-Amps):** High-impedance instrumentation amplifiers that buffer the input signal to prevent loading the source. * **Dip Switches/Jumpers:** Allow the user to select input ranges (e.g., 0-10V, 4-20mA, 1-5V). #### C. Isolation Barrier * **Optical Isolators or Transformer Coupling:** This is the core "Electronic Part." It ensures that high-voltage transients on the input side do not damage the output side or the controller. * **Dielectric Strength:** Usually rated for 2000V AC for 1 minute. #### D. Output Stage * **D/A Converter (or Linear Opto-coupler):** Reconstructs the signal for the output terminal. * **Output Driver:** A transistor-based circuit that provides the necessary drive current for the loop. --- ### 3. Terminal Mapping The module typically features a plug-in base design. | Terminal | Description | | :--- | :--- | | **1 - 2** | Output (+) and (-) | | **3 - 4** | Unused / Auxiliary | | **5 - 6** | Input (+) and (-) | | **7 - 8** | Power Supply (L / N) | --- ### 4. Key Electronic Features 1. **Zero/Span Adjustments:** Located on the front panel, these are multi-turn potentiometers used to calibrate the output accuracy. 2. **LED Indicator:** A green LED typically indicates that the internal power supply is active. 3. **Low Heat Dissipation:** Designed for high-density mounting on DIN rails without requiring active cooling.
    ✨ Follow-up Questions
    • ⤷ How do I calibrate the Zero and Span settings on this specific module?
    • ⤷ What is the maximum load resistance for the 4-20mA output on this model?
    • ⤷ Can this module be used for thermocouple or RTD inputs?