M2UDS2-K2-R2/N
AI

The **M2UDS2-K2-R2/N** is a specific model within the **M2UDS2 series**, which consists of high-performance digital panel meters/indicators designed for industrial automation and monitoring. These devices are typically used to measure and display DC voltage or current signals.
---
### 1. Part Number Breakdown
Understanding the specific electronic characteristics requires decoding the suffix codes:
| Code Segment | Description | Specific Detail for this Model |
| :--- | :--- | :--- |
| **M2UDS2** | Series Name | 1/8 DIN Digital Panel Meter |
| **K2** | Input Type | **DC Current (mA)** (Standard range 4-20mA) |
| **R2** | Output Type | **Relay Contact Output** (Typically 2-point SPST) |
| **N** | Power Supply | **100-240V AC** (Universal power input) |
---
### 2. Electronic Specifications
The internal circuitry of this unit is designed for precision and isolation. Below are the core electronic parameters:
#### **Input Section**
* **Measurement Range:** Typically handles 4 to 20 mA DC or 0 to 20 mA DC.
* **Input Impedance:** Usually around 50 $\Omega$ for current inputs.
* **A/D Conversion:** High-resolution dual-slope integration or Sigma-Delta conversion to ensure stability against noise.
#### **Output Section (Relay)**
* **Contact Rating:** 250V AC @ 3A or 30V DC @ 3A (Resistive load).
* **Function:** Programmable high/low alarms (H, L, HH, LL modes).
#### **Display & Processing**
* **Display Type:** 4-digit Red LED (typically 14.2mm height).
* **Accuracy:** $\pm$0.1% of FS $\pm$1 digit.
* **Sampling Rate:** Approximately 2.5 to 5 times per second.
---
### 3. Wiring and Terminals
The device utilizes a screw-terminal block on the rear for electronic connections:
| Terminal Group | Function | Connection Note |
| :--- | :--- | :--- |
| **Power (N)** | L, N, G | Connect to 100-240V AC source. |
| **Input (K2)** | (+) and (-) | Connect to the 4-20mA sensor loop. |
| **Relay (R2)** | COM, NO | Used to trigger external sirens or PLCs. |
---
### 4. Key Electronic Features
* **Galvanic Isolation:** The unit provides high-voltage isolation between the power supply, input signal, and relay outputs to prevent ground loops.
* **Scaling:** The 4-20mA input can be electronically scaled to represent physical units (e.g., 0 to 100.0 PSI or °C).
* **Digital Filtering:** Built-in software filters to stabilize readings in environments with high electromagnetic interference (EMI).
---
- ⤷
How do I calibrate the scaling for a 4-20mA input on this device?
- ⤷ What are the specific safety isolation ratings between the input and power terminals?
- ⤷ Can this model be upgraded to include an RS-485 Modbus communication port?