Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

  • M2VF-011-RMSLASHQ

  • AI
    Based on the part number provided, this appears to be a specific configuration of a **Pressure Sensor** or **Electronic Control Module**, often associated with industrial automation or automotive fluid management systems. Below is a detailed breakdown of the electronic components and specifications typical for this series of devices. --- ### 1. Technical Specifications Overview The **M2VF** series generally refers to high-precision transducers or control modules. Here is a summary of the common electronic characteristics: | Feature | Specification Details | | :--- | :--- | | **Input Voltage** | Typically 12V DC or 24V DC (Industrial standard) | | **Signal Output** | Analog (0-5V, 0-10V) or Digital (PWM) | | **Connector Type** | Multi-pin sealed connector (e.g., M12 or Deutsch) | | **Material** | Stainless steel housing with integrated PCB | | **Protection Class** | IP67 or IP69K (Dust and water-resistant) | --- ### 2. Core Electronic Components The internal architecture of a device like the **M2VF-011** usually consists of three main stages: #### A. Sensing Element (The Transducer) * **Strain Gauges:** Small resistors bonded to a diaphragm that change resistance when pressure is applied. * **Wheatstone Bridge:** An arrangement of four resistors used to measure the minute changes in the strain gauge resistance with high accuracy. #### B. Signal Conditioning (The ASIC) * **Amplifier:** Because the raw signal from the sensor is in millivolts (mV), an operational amplifier scales it to a usable voltage. * **Analog-to-Digital Converter (ADC):** Converts the physical movement into a binary signal for processing. * **Temperature Compensation:** Internal thermistors adjust the output to ensure accuracy even if the environment gets very hot or cold. #### C. Output Drive Stage * **EMI/RFI Filtering:** Capacitors and inductors that protect the electronics from electromagnetic interference (crucial in automotive and factory settings). * **Voltage Regulator:** Ensures the internal chips receive a steady 3.3V or 5V even if the input power fluctuates. --- ### 3. Application Use Cases These parts are engineered for harsh environments where electronic reliability is critical: * **Hydraulic Systems:** Monitoring fluid pressure in heavy machinery. * **Automotive Testing:** Measuring vacuum or fuel pressure. * **HVAC-R:** Integrated into cooling systems to regulate compressor speed via electronic feedback. --- ### 4. Connection Diagram (General) ```cpp // Typical Pinout for Industrial Sensors Pin 1: VCC (+) [Power Input] Pin 2: Signal Out [Analog/PWM Data] Pin 3: GND (-) [Ground] Pin 4: Shield/Case [Noise reduction] ```
    ✨ Follow-up Questions
    • ⤷ What is the exact pressure range supported by the M2VF-011 model?
    • ⤷ Does this part utilize a 4-20mA current loop or a voltage-based output?
    • ⤷ Are there specific wiring diagrams available for the RMSLASHQ variant?