Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

  • M2VF-4W4W-R2

  • AI
    The **M2VF-4W4W-R2** is a high-performance **V-Network signal conditioner** (specifically an Isolator/Transducer) manufactured by **M-System**. It is designed to take a DC input signal and provide a galvanically isolated DC output, typically used in industrial automation to prevent ground loops and protect sensitive PLC/DCS equipment. --- ### 1. Key Technical Specifications Below are the primary electronic characteristics of the M2VF-4W4W-R2: | Feature | Specification | | :--- | :--- | | **Model Series** | M2 Series (Plug-in type) | | **Input Signal** | 4 – 20 mA DC | | **Output Signal** | 4 – 20 mA DC | | **Power Input** | 100 – 240V AC | | **Isolation** | 3-way isolation (Input to Output to Power) | | **Isolation Resistance** | 100 MΩ minimum at 500V DC | | **Dielectric Strength** | 2000V AC @ 1 minute | | **Response Time** | ≤ 0.5 seconds (0 – 90%) | --- ### 2. Internal Electronic Components & Architecture The device consists of three main functional blocks that ensure signal integrity: #### A. Input Circuit (Current Loop) * **Precision Shunt Resistor:** Converts the 4-20mA current input into a proportional voltage. * **Filtering:** Low-pass filters are used to suppress high-frequency noise from the field wiring. #### B. Isolation Barrier (The Core) * **Opto-Isolators or Magnetic Coupling:** This part electrically separates the input side from the output side. It prevents high-voltage surges or ground potential differences from damaging the control system. * **Modulator/Demodulator:** The DC signal is converted into an AC or pulse-width modulated (PWM) signal to pass through the isolation transformer/optocoupler and then reconstructed back to DC. #### C. Output & Power Circuit * **Output Driver:** An operational amplifier circuit that regenerates a stable 4-20mA signal capable of driving high-impedance loads (usually up to 550Ω). * **Switching Power Supply:** An internal AC/DC converter that provides regulated DC voltage to the internal electronics while maintaining isolation from the mains power. --- ### 3. Physical Interface & Installation * **Mounting:** Socket-mounted (typically uses an 8-pin or 11-pin base). * **Adjustments:** Features "Zero" and "Span" adjustment potentiometers on the front panel to calibrate the output signal accuracy within ±10%. * **LED Indicator:** Usually equipped with a power LED to indicate the status of the internal supply. --- ### 4. Application Logic The **"4W4W"** in the part number specifically signifies the **Input/Output configuration**: * **4W (Input):** 4 – 20 mA DC * **4W (Output):** 4 – 20 mA DC * **R2 (Power):** 100 – 240V AC power supply.
    ✨ Follow-up Questions
    • ⤷ What is the maximum load resistance supported by the output of the M2VF-4W4W-R2?
    • ⤷ How do you calibrate the Zero and Span settings on this specific model?
    • ⤷ What are the environmental temperature limits for operating this signal conditioner?