Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

  • M2VF-5WFW-R2

  • AI
    The **M2VF-5WFW-R2** is a specific model within a series of signal converters or transmitters, typically manufactured by companies like **M-System**. These devices are designed to convert an analog input signal into one or two isolated analog output signals. Below is a breakdown of its electronic characteristics and specifications. --- ### 1. General Specifications The M2VF series belongs to the "Mini-M" family, known for its compact, plug-in socket base design. | Parameter | Specification | |:---|:---| | **Device Type** | Signal Transmitter / Isolator | | **Housing** | Plug-in style (socket base) | | **Isolation** | 3-way isolation (Input to Output to Power) | | **Response Time** | Approx. 25 ms (0 – 90%) | | **Construction** | Plastic (ABS) | --- ### 2. Part Number Breakdown (M2VF-5WFW-R2) The suffix codes determine the specific electronic input/output configurations: * **M2VF**: Series name (Variable Output Transmitter). * **5**: Input Signal (Typically **0 – 5V DC**). * **W**: Dual Output (This model provides two independent outputs). * **F**: Output 1 (Typically **4 – 20mA DC**). * **W**: Output 2 (Typically **4 – 20mA DC** or custom voltage/current). * **R**: Power Input (**24V DC**). * **2**: Design Revision or specific standard (RoHS compliant). --- ### 3. Electronic Components & Features #### A. Signal Isolation The device utilizes high-grade **optocouplers** or **magnetic isolation** to separate the input, output, and power circuits. This prevents ground loops and protects sensitive PLC/DCS equipment from high-voltage surges. #### B. Output Drive Capability * **Current Output:** Usually supports a load resistance of up to $750 \Omega$. * **Voltage Output:** Usually requires a load resistance of $250 \Omega$ or more. #### C. Adjustability On the front panel, you will find two specific electronic components for calibration: 1. **Zero Potentiometer:** Adjusts the offset (the low end of the signal). 2. **Span Potentiometer:** Adjusts the gain (the high end of the signal). --- ### 4. Circuit Diagram Representation The internal architecture generally follows this signal path: ```mermaid graph LR A[Input Signal] --> B[Input Circuit / Filter] B --> C[Isolation Barrier] C --> D[Output 1 Drive] C --> E[Output 2 Drive] F[24V DC Power] --> C ``` --- ### 5. Installation Wiring The electronic connections are made via a terminal socket (typically 8-pin or 11-pin): * **Terminals 1 & 2:** Output 1 (+ / -) * **Terminals 3 & 4:** Output 2 (+ / -) * **Terminals 5 & 6:** Input (+ / -) * **Terminals 7 & 8:** Power Supply (24V DC)
    ✨ Follow-up Questions
    • ⤷ What are the specific load resistance limits for the Output 2 on this model?
    • ⤷ Can this unit be mounted on a standard DIN rail?
    • ⤷ Does the M2VF series support 110V AC power input variants?