Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

  • M2VF-C0-R2/X1

  • AI
    The **M2VF-C0-R2/X1** is a high-performance, signal conditioning transmitter manufactured by **M-System** (now part of MG CO., LTD.). This specific model is an ultra-slim, signal-isolated V/F (Voltage to Frequency) converter. --- ### ## Technical Specifications Breakdown The alphanumeric code represents specific hardware configurations for the device: | Feature | Specification | Description | | :--- | :--- | :--- | | **Model Type** | **M2VF** | V/F Transmitter (Voltage to Frequency Converter) | | **Input Signal** | **C0** | 0 – 1V DC | | **Output Signal** | **R2** | Open Collector (NPN) | | **Power Input** | **X1** | 100 – 240V AC | | **Mounting** | DIN Rail | Standard 35mm rail mount | | **Isolation** | 3-Port | Input to Output to Power | --- ### ## Key Electronic Components & Functions The device is designed to convert a standard analog voltage into a proportional frequency pulse string. This is typically used for integrating signals or long-distance transmission without noise interference. 1. **Isolation Barrier:** Uses optical or magnetic coupling to provide isolation between the input, output, and power supply. This prevents ground loops and protects sensitive PLC/DCS equipment from high-voltage surges. 2. **A/D Conversion & Pulse Generation:** The internal circuitry samples the **0-1V DC** input and translates it into a frequency range (standard default is often 0–10 kHz, though this is adjustable). 3. **Output Stage (R2):** The **Open Collector** output acts as a high-speed switch. It requires an external pull-up resistor and power supply to interface with high-speed counters or digital inputs. 4. **Power Module (X1):** A switching power supply capable of handling a wide range of AC voltages (100–240V), making it compatible with global industrial grids. --- ### ## Wiring Diagram (Simplified) ```text [ POWER ] ---- (L) Terminal 4 (N) Terminal 5 [ INPUT ] ---- (+) Terminal 7 (0-1V DC) (-) Terminal 8 [ OUTPUT] ---- (+) Terminal 1 (Collector) (-) Terminal 2 (Emitter) ``` --- ### ## Typical Applications * **Totalizing Flow:** Converting a flow rate voltage into pulses for a counter to calculate total volume. * **Remote Signal Transmission:** Sending frequency pulses over long distances where analog voltage would suffer from voltage drop. * **Motor Speed Control:** Interfacing an analog control signal with a pulse-width modulation (PWM) or frequency-based drive controller.
    ✨ Follow-up Questions
    • ⤷ How do I calculate the output frequency based on a specific voltage input for this model?
    • ⤷ What is the maximum frequency range supported by the M2VF series?
    • ⤷ What are the specific isolation voltage ratings for the M2VF-C0-R2/X1?