M2VF2-012-R
AI

The **M2VF2-012-R** is a specific automotive-grade relay manufactured by **Panasonic** (specifically under their Automotive Systems division). It is widely used in vehicle electrical systems for controlling high-current circuits.
---
### 1. Key Technical Specifications
The part number breaks down into specific electrical characteristics:
| Parameter | Specification |
| :--- | :--- |
| **Relay Type** | Automotive Power Relay |
| **Nominal Coil Voltage** | 12V DC |
| **Contact Arrangement** | 1 Form C (SPDT - Single Pole Double Throw) |
| **Contact Material** | AgSnO2 (Silver Tin Oxide) |
| **Coil Resistance** | ~90 to 100 Ohms (Typical for 12V) |
| **Terminal Type** | PCB Terminals (Through-hole) |
| **Packaging** | Sealed (Flux-resistant or Washable) |
---
### 2. Internal Electronic Structure
The device consists of three primary electronic components integrated into one housing:
1. **The Coil:** An electromagnetic copper winding. When 12V is applied, it creates a magnetic field that pulls the internal armature.
2. **The Contacts:**
* **Common (COM):** The moving part.
* **Normally Closed (NC):** Connected to COM when the relay is "off".
* **Normally Open (NO):** Connects to COM when the relay is "on".
3. **The Resistor (Internal):** The "-R" suffix in the part number often indicates an **internal resistor** wired in parallel with the coil. This serves as a suppression device to dissipate the "Back EMF" (voltage spike) generated when the coil is switched off, protecting sensitive driving electronics (like transistors or ECUs).
---
### 3. Applications
Due to its reliability and compact size, the M2VF2-012-R is found in various automotive modules:
* **Wiper Motor Control:** High/Low speed switching.
* **Power Windows/Locks:** Reversing polarity for motor direction.
* **Fuel Pump Relays:** Switching the high-current pump circuit.
* **Lighting Control:** High beam/Low beam switching.
---
### 4. Comparison to Standard Relays
| Feature | M2VF2-012-R | Standard General Purpose Relay |
| :--- | :--- | :--- |
| **Vibration Resistance** | High (Automotive Grade) | Moderate |
| **Temperature Range** | -40°C to +85°C+ | -20°C to +60°C |
| **Protection** | Internal Suppression Included | Requires External Diode |
| **Switching Life** | >100,000 Cycles (Electrical) | Variable |
---
- ⤷
What is the maximum current rating for the M2VF2-012-R contacts?
- ⤷ How do I test if the internal suppression resistor is functioning?
- ⤷ Can this relay be used in 24V automotive systems?