Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

  • M2VF2-014-R2/X1

  • AI
    The **M2VF2-014-R2/X1** is a specialized high-performance embedded module, typically used in industrial automation, robotics, and advanced vision systems. It is part of a series often associated with AI acceleration and high-speed data processing. --- ### 1. Key Technical Specifications | Parameter | Specification Details | | :--- | :--- | | **Form Factor** | M.2 (Type 2280 or custom industrial variant) | | **Interface** | PCIe Gen3 x2 / x4 (depending on configuration) | | **Processing Units** | Multiple VPU (Vision Processing Units) or AI Accelerators | | **Operating Temp** | -20°C to +70°C (Industrial Grade) | | **Power Consumption** | Low power envelope (typically < 10W) | --- ### 2. Core Electronic Components The module is composed of several critical electronic sub-systems that allow it to function as a plug-and-play AI accelerator: #### A. Vision Processing Units (VPU) The "X1" designation often implies the integration of **Intel® Movidius™ Myriad™ X VPUs**. These chips are designed for: * **Deep Neural Network (DNN) Inference**: Running models like YOLO, SSD, or ResNet at the edge. * **Imaging & Vision**: Hardware acceleration for stereo depth, motion estimation, and feature tracking. #### B. Power Management Integrated Circuit (PMIC) Because these modules draw power directly from the M.2 slot (3.3V), a high-efficiency PMIC is used to step down voltages for the VPU cores (often requiring 0.9V to 1.8V). #### C. Thermal Management Interface The "R2" revision often includes improved thermal pads or a heat spreader design. High-speed electronic switching in the VPUs generates localized heat, requiring a robust thermal interface to prevent throttling. --- ### 3. Connection Pinout (M.2 Standard) The electronic interface follows the M.2 "M-Key" or "B+M Key" standard, utilizing the following signals: 1. **Differential Pairs**: Used for high-speed PCIe data transmission. 2. **REFCLK**: A 100MHz reference clock for synchronizing data. 3. **I2C/SMBus**: Low-speed pins used for hardware health monitoring (temperature, ID). 4. **GPIO**: General Purpose Input/Output for triggering external events (like a camera shutter). --- ### 4. Typical Use Cases * **Edge AI Gateways**: Adding AI capabilities to existing industrial PCs. * **Smart Cameras**: Real-time object detection and facial recognition. * **Drones**: Low-power obstacle avoidance systems. ---
    ✨ Follow-up Questions
    • ⤷ What are the specific performance metrics (TOPS) for the M2VF2 series?
    • ⤷ Is the M2VF2-014-R2/X1 compatible with OpenVINO toolkit?
    • ⤷ What are the power supply requirements for integrating this into a custom PCB?