AI

The **M2VF2-015-R2/CE** is a high-performance, compact AC Variable Frequency Drive (VFD) typically manufactured by **SANKI** or associated industrial automation brands. It is designed to control the speed and torque of three-phase induction motors.
---
## 1. Technical Specifications
The following table summarizes the primary electrical characteristics of this specific model:
| Parameter | Specification |
| :--- | :--- |
| **Model Series** | M2VF2 (High-performance Vector Control) |
| **Power Capacity** | 1.5 kW (2.0 HP) |
| **Input Voltage** | 3-Phase 200V - 240V AC |
| **Output Frequency** | 0.1 Hz to 400 Hz |
| **Control Method** | V/f Control or Sensorless Vector Control |
| **Cooling Method** | Forced Air Cooling (Internal Fan) |
| **Compliance** | CE Certified (European Conformity) |
---
## 2. Key Electronic Components & Architecture
The internal circuitry of the M2VF2-015-R2/CE consists of several critical stages:
### A. Rectifier Bridge
* **Function:** Converts the incoming 3-phase AC voltage into a pulsating DC voltage.
* **Component:** High-durability diode bridge modules.
### B. DC Bus (Intermediate Circuit)
* **Function:** Smooths the rectified DC voltage.
* **Components:** Large electrolytic capacitors that store energy and filter ripple, ensuring a stable voltage for the next stage.
### C. IGBT Inverter Stage
* **Function:** Converts the DC back into a variable frequency, variable voltage AC output.
* **Component:** Insulated Gate Bipolar Transistors (IGBTs). These act as high-speed electronic switches controlled by Pulse Width Modulation (PWM).
### D. Control Unit (CPU)
* **Function:** The "brain" of the drive.
* **Processing:** Uses a 32-bit DSP (Digital Signal Processor) to calculate motor parameters in real-time and manage the vector control algorithms.
---
## 3. Terminal Interface Configuration
The electronic interface is divided into Power Terminals and Control Terminals:
### Power Terminals
* **L1, L2, L3:** Main AC power supply inputs.
* **U, V, W:** Output terminals connected to the motor.
* **P+, DB:** Terminals for an optional external Braking Resistor (used for rapid deceleration).
### Control Terminals (I/O)
* **Digital Inputs:** Programmable inputs for Start, Stop, Reverse, and Multi-speed selection.
* **Analog Inputs:** Typically 0-10V or 4-20mA for external speed reference (potentiometers or PLC).
* **Relay Output:** Fault signals and status monitoring.
* **Communication Port:** RS-485 (Modbus RTU) for industrial networking.
---
## 4. Protection Features
The electronic monitoring system provides active protection against:
* **Overcurrent:** Instantaneous trip during motor stalls.
* **Overvoltage:** Protection against regenerative energy during braking.
* **Overheat:** Heat sink thermistor monitoring.
* **Short Circuit:** Protection between output phases.
- ⤷
What are the specific wiring requirements for the braking resistor on this model?
- ⤷ How do I configure the RS-485 Modbus parameters for this VFD?
- ⤷ Can this drive be operated on a single-phase 220V input despite being rated for 3-phase?