M2VF2-02-R2/N
AI

The **M2VF2-02-R2/N** is a specific electronic component belonging to the **M2VF2 series**, which is a high-performance **Signal Conditioner** (specifically a signal isolator and converter). These are widely used in industrial automation to interface between field sensors and control systems (PLC/DCS).
### 1. Part Number Breakdown
The nomenclature reveals the specific technical configuration of the device:
| Segment | Code | Description |
| :--- | :--- | :--- |
| **Model** | M2VF2 | Ultra-slim Signal Conditioner (Isolator/Converter) |
| **Input** | 02 | 0 – 10V DC Input range |
| **Output** | R2 | 4 – 20mA DC Output range |
| **Power** | N | 24V DC Power supply |
---
### 2. Technical Specifications
The device acts as a bridge, ensuring that voltage signals from industrial equipment are safely converted into current signals for long-distance transmission without interference.
| Feature | Specification |
| :--- | :--- |
| **Input Impedance** | 1 MΩ minimum |
| **Output Drive** | 550 Ω maximum |
| **Accuracy** | ±0.1% of span |
| **Response Time** | ≤ 0.5 seconds (0 – 90%) |
| **Isolation** | 3-way isolation (Input to Output to Power) |
| **Isolation Strength** | 2000V AC @ 1 minute |
| **Mounting** | DIN Rail (35mm) |
---
### 3. Key Electronic Components & Functions
Internally, the M2VF2-02-R2/N utilizes several critical electronic sub-systems:
1. **High-Impedance Input Stage:** Uses operational amplifiers (Op-Amps) with high input resistance to ensure the 0-10V source signal is not "loaded down" or distorted.
2. **Galvanic Isolation Transformer:** Provides the 2000V AC isolation. It separates the input circuit from the output and power circuits to prevent ground loops and protect sensitive PLCs from high-voltage surges.
3. **Voltage-to-Current Converter (V/I):** An internal circuit that linearly maps the 0-10V input to a precise 4-20mA current loop. Current loops are preferred in industrial settings because they are immune to voltage drops over long cable runs.
4. **DC-DC Converter:** The "N" variant (24V DC) includes an internal switching regulator to stabilize the internal operating voltage, regardless of minor fluctuations in the 24V supply.
---
### 4. Connection Diagram (Simplified)
Below is a typical wiring representation for this module:
```text
[ FIELD SIDE ] [ ISOLATOR ] [ CONTROL SIDE ]
0-10V Sensor (+) ----> Terminal 1 (In) Terminal 5 (Out +) ----> PLC Input
(-) ----> Terminal 2 (In) Terminal 6 (Out -) ----> PLC Ground
Terminal 3 (24V+)
Terminal 4 (24V-) <--- Power Supply
```
---
- ⤷
What are the advantages of using 3-way isolation in this specific model?
- ⤷ Can the output range be recalibrated to a different current value?
- ⤷ How does this model handle signal noise in an industrial environment?