M2VF2-33-R2
AI

The **M2VF2-33-R2** is a high-performance **Step-Down (Buck) DC-DC Converter Module** commonly used in industrial and automotive applications. It is designed for point-of-load (POL) power regulation where efficiency and small form factor are critical.
---
### 1. Key Technical Specifications
Below are the primary electrical characteristics of the module:
| Parameter | Typical Value | Description |
| :--- | :--- | :--- |
| **Input Voltage Range** | 4.5V to 33V | Wide input range suitable for 12V and 24V systems. |
| **Output Voltage** | 3.3V (Fixed) | Regulated low-voltage output for logic circuits. |
| **Output Current** | 2.0A - 3.0A | Max continuous load current (depends on cooling). |
| **Efficiency** | Up to 92% | High efficiency reduces thermal dissipation. |
| **Switching Frequency** | ~500 kHz | Balanced for small inductor size and low EMI. |
| **Package Style** | V-Reg / Module | Vertical or horizontal PCB mount options. |
---
### 2. Core Electronic Components
Inside the module, several discrete components work together to manage power conversion:
1. **Switching Regulator IC:** The "brain" that uses Pulse Width Modulation (PWM) to control the high-side MOSFET.
2. **Power Inductor:** Stores energy during the "on" cycle and releases it during the "off" cycle to provide a smooth current flow.
3. **Schottky Diode:** Provides a path for the inductor current when the main switch is off (freewheeling).
4. **Input/Output Capacitors:** Multi-layer ceramic capacitors (MLCC) or polymer capacitors used to filter ripple voltage and provide transient stability.
---
### 3. Features & Protections
The module integrates several safety mechanisms to prevent damage to the load or the source:
* **Over-Current Protection (OCP):** Limits the output current to prevent overheating during a short circuit.
* **Thermal Shutdown:** Automatically turns off the device if the internal junction temperature exceeds safety limits (usually around 150°C).
* **Under-Voltage Lockout (UVLO):** Ensures the device only operates when the input voltage is high enough to guarantee stable regulation.
* **Low Standby Current:** Minimizes power draw when the device is in an idle state.
---
### 4. Application Diagram (Simplified)
The module is typically used in a "Plug-and-Play" fashion requiring minimal external components:
```text
[Input Source 12V/24V] ----+---- [M2VF2-33-R2] ----+---- [Output 3.3V Load]
| (Buck) |
[Cin] [Cout]
```
---
- ⤷
What are the thermal management requirements for this module at 3A load?
- ⤷ Can this module be used in parallel to increase output current?
- ⤷ What is the specific footprint or pinout for the M2VF2-33-R2?