Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

  • M2VF2-3A-R

  • AI
    The **M2VF2-3A-R** is an industrial-grade **Signal Conditioner** (specifically a Signal Isolator/Converter) manufactured by **M-System** (now part of MG CO., LTD). It belongs to the M2 Series of plug-in signal conditioners. --- ## 1. Core Specifications & Technical Data The primary function of this device is to receive a DC input signal, isolate it, and provide two independent DC output signals. | Feature | Specification | | :--- | :--- | | **Series** | M2 Series (Mini-M) | | **Model Function** | Two-wire Transmitter/Signal Isolator (Dual Output) | | **Input Type** | 4 – 20 mA DC | | **Output 1 & 2** | 4 – 20 mA DC (Standard for the -3A-R suffix) | | **Power Input** | 24V DC (Indicated by the 'R' suffix) | | **Accuracy** | ±0.1% | | **Response Time** | ≤ 0.5 seconds (0 – 90%) | | **Isolation** | 4-way isolation (Input to output 1 to output 2 to power) | --- ## 2. Part Number Breakdown (Nomenclature) To understand the electronic capabilities, we must decode the specific suffix: ### `M2VF2` - `3` `A` - `R` 1. **M2VF2**: Base model for a Variable Loop-powered Isolator / Signal Conditioner with dual outputs. 2. **3 (Input)**: 4 – 20 mA DC. 3. **A (Output)**: 4 – 20 mA DC (for both Output 1 and Output 2). 4. **R (Power Input)**: 24V DC power supply requirement. --- ## 3. Key Electronic Components & Internal Architecture The device is built using high-reliability industrial electronic components: ### A. Galvanic Isolation (4-Way) The unit uses **Optical Isolators** or **Transformers** to provide 2000V AC isolation. This protects sensitive PLC/DCS inputs from ground loops and high-voltage surges present in the field. ### B. Signal Conversion Circuitry * **Precision Resistors**: Used to shunt the 4-20mA input to a voltage for internal processing. * **Operational Amplifiers (Op-Amps)**: High-precision, low-drift amplifiers ensure the signal is linear and accurate. * **Zero/Span Adjustments**: Located on the front panel, these are multi-turn potentiometers used to calibrate the output levels. ### C. Power Management * **DC/DC Converter**: The "R" variant (24V DC) includes an internal DC-to-DC converter to provide stable, isolated power rails for the internal circuitry. --- ## 4. Connection Diagram (Standard Wiring) ```text Terminal | Function ---------|--------------------------- 1 | Output 1 (+) 2 | Output 1 (-) 3 | Output 2 (+) 4 | Output 2 (-) 5 | Input (+) 6 | Input (-) 7 | Power (24V DC +) 8 | Power (24V DC -) ``` --- ## 5. Application Use Case This device is typically used when one sensor (e.g., a flow meter) needs to send a signal to two different devices (e.g., a local display and a remote PLC) without the two devices interfering with each other via ground loops.
    ✨ Follow-up Questions
    • ⤷ What is the maximum load resistance supported by the M2VF2 outputs?
    • ⤷ How do you calibrate the Zero and Span on this specific model?
    • ⤷ Is there a version of this module that supports 100-240V AC power?