Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

  • M2VF2-3E-R2/CE

  • AI
    The **M2VF2-3E-R2/CE** is a high-performance, compact signal conditioner (isolator) manufactured by **M-System**. It is designed to convert and isolate DC input signals into standard DC output signals, often used in industrial automation to prevent ground loops and protect sensitive PLC/DCS inputs. --- ### 1. Key Technical Specifications | Parameter | Specification Details | | :--- | :--- | | **Model Series** | M2VF2 (Ultra-slim signal conditioner) | | **Input Signal** | Configurable (Current or Voltage) | | **Output Signal** | Configurable (Current or Voltage) | | **Power Input (R2)** | 11 - 27V DC (Ripple 10% p-p max) | | **Isolation** | 3-way isolation (Input to Output to Power) | | **Isolation Strength** | 2000V AC @ 1 minute | | **Accuracy** | ±0.1% of span | | **Response Time** | ≤ 0.5 seconds (0 – 90%) | | **Mounting** | DIN Rail | --- ### 2. Breakdown of the Model Suffixes The alphanumeric code provides specific details about the electronic configuration: * **M2VF2**: The base series, characterized by its ultra-slim 5.9mm profile. * **3**: Represents the Input range (typically a high-impedance voltage or specific current input depending on the factory preset). * **E**: Represents the Output range (typically 0-10V DC or 1-5V DC). * **R2**: Specifies the power source (24V DC). * **CE**: Indicates compliance with European Conformity (CE) standards for safety and EMC. --- ### 3. Internal Electronic Components & Function The device operates using three primary electronic stages: #### A. Input Circuit (Signal Conditioning) This stage uses high-precision **Operational Amplifiers (Op-Amps)** and precision resistors to scale the incoming industrial signal. It filters high-frequency noise that might be picked up from the field sensors. #### B. Isolation Barrier (Galvanic Isolation) To achieve the 2000V AC isolation, the M2VF2 utilizes a **Transformer-based isolation** or **Optocouplers**. * **DC-to-DC Converter:** Converts the 24V DC supply into isolated internal voltages. * **Modulator/Demodulator:** The analog signal is converted into a high-frequency pulse (PWM) or frequency signal to pass through the isolation transformer and then reconstructed on the other side. #### C. Output Circuit The reconstructed signal is passed through a **Low-Pass Filter** and an **Output Buffer**. This ensures the signal is "clean" and has enough drive strength (current) to be read by a PLC or controller without dropping voltage across the transmission line. --- ### 4. Typical Connection Diagram ```mermaid graph LR A[Sensor/Field Input] --> B[M2VF2 Isolator] B --> C[PLC / Controller] D[24V DC Power] --> B ```
    ✨ Follow-up Questions
    • ⤷ What are the specific input/output ranges for the '3' and 'E' codes?
    • ⤷ Can this device be used to bridge signals between different ground potentials?
    • ⤷ What are the environmental temperature limits for this electronic component?