Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

  • M2VF2-43-R2/UL

  • AI
    The **M2VF2-43-R2/UL** is a high-performance, signal-conditioning component, specifically a **Transmitter/Signal Isolator** manufactured by M-System (now MG CO., LTD.). It belongs to the M2 series, which is known for its plug-in base design and high reliability in industrial automation. --- ### ## Technical Specifications Breakdown The part number indicates specific configuration options for input, output, and power supply. | Feature | Specification | Description | | :--- | :--- | :--- | | **Model Series** | M2VF2 | Ultra-slim Signal Conditioner (V-Unit) | | **Input Type (4)** | 0 – 10V DC | Standard voltage input signal | | **Output Type (3)** | 0 – 1V DC | Low-voltage output signal | | **Power Supply (R2)** | 11 – 27V DC | Standard DC operating voltage | | **Certification (UL)** | UL / cUL | Certified for safety standards in North America | --- ### ## Key Electronic Components & Functionality This device is an **Isolator (Signal Conditioner)**. Its primary role is to electrically isolate the input signal from the output signal to prevent ground loops and protect sensitive PLCs or controllers. 1. **Isolation Barrier:** * Uses high-speed **Optical Isolators** (Optocouplers) or **Transformer Isolation** to provide 2000V AC isolation between input, output, and power supply. 2. **Input Conditioning:** * Contains a high-impedance operational amplifier circuit to ensure it does not load the source signal. 3. **Signal Conversion:** * Converts the 0–10V range linearly into a 0–1V range. This is often used when a sensor output is too high for the analog input card of a specific controller. 4. **Zero and Span Adjustment:** * Features front-accessible multi-turn potentiometers. These allow fine-tuning of the signal accuracy (typically ±0.1% or better). 5. **Output Driver:** * An active electronic circuit designed to drive the 0-1V signal into a load (typically requires a load resistance of 10kΩ or more). --- ### ## Wiring Configuration The device uses a standard **8-pin plug-in base**. Below is the typical pin assignment: | Pin Number | Function | | :--- | :--- | | **1 & 2** | Output (+) and (-) | | **4 & 5** | Input (+) and (-) | | **7 & 8** | Power Supply (+) and (-) | --- ### ## Use Case Scenario In an industrial environment, if you have a **Motor Speed Controller** that outputs a 10V diagnostic signal, but your **Data Logger** only accepts a maximum of 1V, the M2VF2-43-R2/UL acts as the bridge. It scales the voltage down while ensuring that an electrical surge on the motor side does not destroy the data logger.
    ✨ Follow-up Questions
    • ⤷ What is the response time for the M2VF2 series?
    • ⤷ Can this unit be mounted on a standard DIN rail?
    • ⤷ Does this model support bipolar (negative voltage) inputs?