Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

  • M2VF2-4W6-R2

  • AI
    The **M2VF2-4W6-R2** is a specific model of an **Industrial Signal Conditioner** or **Isolated Transmitter**, typically manufactured by companies like **M-System**. These devices are used in automation to convert, isolate, and transmit analog signals between field instruments and control systems (PLCs/DCS). --- ### 1. Key Technical Specifications Based on the model numbering convention for this series, here is the breakdown of its core electronic characteristics: | Parameter | Specification | Description | | :--- | :--- | :--- | | **Input Signal** | 4 – 20 mA DC | Standard industrial current loop input. | | **Output 1** | 1 – 5 V DC | Low impedance voltage output. | | **Output 2** | 4 – 20 mA DC | Independent current loop output. | | **Power Supply** | 100 – 240V AC | Universal AC power input (50/60 Hz). | | **Isolation** | 3-Way Isolation | Input, Output, and Power are all galvanically isolated. | | **Mounting** | DIN Rail | Standard 35mm rail mounting. | --- ### 2. Functional Electronic Components The internal circuitry of the M2VF2 series generally consists of the following functional blocks: #### A. Input Conditioning Circuit * **Precision Resistor:** Converts the 4-20mA input current into a proportional voltage. * **Surge Absorber:** Protects the internal electronics from voltage spikes or lightning surges on the field wiring. #### B. Isolation Barrier (Optical/Magnetic) * **Optocouplers or Transformers:** These components ensure there is no electrical path between the field sensor and the PLC. This prevents **ground loops**, which can cause signal inaccuracies or equipment damage. #### C. Signal Conversion & Amplification * **Operational Amplifiers (Op-Amps):** Scale and linearize the signal to ensure the output accurately represents the input. * **Dual-Output Buffer:** Since this is a "V2" model, it features two independent output stages. If one output is shorted, the other remains unaffected. #### D. Power Supply Module * **Switching Regulator:** Converts the high-voltage AC input into stable DC voltages required for the internal logic and analog stages. --- ### 3. Application Use Case In a typical factory environment, the **M2VF2-4W6-R2** serves as a "bridge": 1. **Input:** Receives a 4-20mA signal from a pressure transmitter located 100 meters away. 2. **Process:** It cleans the noise from the signal and isolates it to protect the expensive PLC. 3. **Output 1 (1-5V):** Sent to a local digital display for operators to read. 4. **Output 2 (4-20mA):** Sent to the main Control Room PLC for automated processing. ---
    ✨ Follow-up Questions
    • ⤷ What is the significance of the 'R2' suffix in this specific model code?
    • ⤷ How does 3-way isolation differ from 2-way isolation in signal conditioners?
    • ⤷ What are the common causes of failure for these types of industrial transmitters?