Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

  • M2VF2-4WE-R2/UL

  • AI
    The **M2VF2-4WE-R2/UL** is a high-performance, signal-conditioning transducer manufactured by **M-System** (now part of MG CO., LTD). It is primarily used to convert two independent variable frequency pulse signals into standard DC output signals. --- ### 1. Component Overview This device is a **Dual-Channel Frequency to DC Transmitter**. It belongs to the "Mini-M" series, known for its compact, plug-in base socket design which facilitates easy maintenance and wiring. ### 2. Technical Specifications The breakdown of the model code reveals its specific electronic characteristics: | Feature | Specification | Description | | :--- | :--- | :--- | | **Model Series** | M2VF2 | Dual Frequency to DC Transmitter | | **Input Signal** | 4 | Pulse (Voltage pulse, open collector, or contact) | | **Output Signal** | W | Two isolated DC outputs (Dual Output) | | **Power Input** | E | 24V DC | | **Option 1** | R2 | Dual channel (Independent processing) | | **Standard** | UL | UL/C-UL Class 1 Div 2 approved (Hazardous locations) | ### 3. Key Electronic Parameters #### A. Input Characteristics * **Input Frequency:** Typically ranges from 0–10 Hz up to 0–10 kHz (field-configurable). * **Detection Levels:** Capable of detecting pulses from dry contacts, voltage pulses (2V to 30V), or NPN open collectors. * **Built-in Excitation:** Provides a specific voltage (usually 12V DC) to power external sensors like flowmeters or proximity switches. #### B. Output Characteristics * **Signal Types:** Standard industrial signals such as 4–20mA DC or 1–5V DC. * **Response Time:** Adjustable via internal jumpers or software to filter noise. * **Linearity:** ±0.1% accuracy, ensuring high precision for control loops. #### C. Isolation and Protection * **Galvanic Isolation:** 4-way isolation (Input 1 to Input 2 to Output to Power). * **Safety Standards:** The `/UL` suffix indicates the electronics are housed and designed to meet North American safety standards for explosive atmospheres (Non-incendive). --- ### 4. Circuit Diagram Logic The internal electronic workflow follows this path: 1. **Pulse Detection:** A comparator circuit detects the frequency and strips away noise. 2. **Frequency-to-Voltage (F/V) Conversion:** An integrated circuit or microcontroller calculates the frequency based on a time base. 3. **Scaling/Amplification:** The digital value is converted back to an analog signal through a D/A converter. 4. **Output Driver:** A current/voltage driver sends the signal to the PLC or DCS. --- ### 5. Common Applications * **Flow Measurement:** Converting pulses from turbine flowmeters into 4-20mA signals. * **Tachometers:** Measuring motor RPM from magnetic pickup sensors. * **Speed Control:** Integrating frequency-based speed data into automation systems.
    ✨ Follow-up Questions
    • ⤷ How do you calibrate the frequency range on the M2VF2?
    • ⤷ What are the specific wiring requirements for an open collector input?
    • ⤷ Can this module be used with a 110V AC power source instead of 24V DC?