M2VF2-4WE-R2SLASHX1
AI

The model **M2VF2-4WE-R2/X1** is a specific industrial-grade signal converter/isolator manufactured by **M-System**. This component is primarily used in automation and control systems to convert and isolate DC signals.
### 1. Breakdown of the Model Code
To understand the electronic capabilities, we must decode the nomenclature:
| Code Segment | Description | Specific Detail |
| :--- | :--- | :--- |
| **M2VF2** | Series/Base Model | Ultra-slim Signal Conditioner (Dual Output) |
| **4** | Input Signal | 0 – 10 V DC |
| **W** | Output 1 | 4 – 20 mA DC |
| **E** | Output 2 | 1 – 5 V DC |
| **R2** | Power Supply | 100 – 240V AC |
| **X1** | Special Option | Specific factory setting or coating |
---
### 2. Core Electronic Components and Architecture
The internal circuitry of the M2VF2-4WE-R2/X1 is divided into three main isolated sections:
#### A. Input Stage
* **Voltage Divider/Buffer:** High-impedance input circuitry designed to sense the 0–10V signal without loading the source.
* **A/D Converter:** Often uses a high-resolution Delta-Sigma modulator to digitize the analog input for processing.
#### B. Isolation Barrier
* **Optocouplers or Transformer Isolation:** Provides **2000V AC** isolation between input, output 1, output 2, and power. This prevents ground loops and protects sensitive PLC/DCS inputs from high-voltage surges.
#### C. Output Stage (Dual Channels)
* **Channel 1 (Current Drive):** A precision current source that converts the processed signal into a 4–20 mA loop. It includes an internal feedback loop to maintain accuracy against load resistance changes.
* **Channel 2 (Voltage Drive):** A low-impedance voltage output (1–5 V) designed to interface with standard analog-to-digital cards in controllers.
---
### 3. Technical Specifications
| Feature | Specification |
| :--- | :--- |
| **Response Time** | ≤ 0.5 seconds (0 – 90%) |
| **Accuracy** | ±0.1% of span |
| **Temperature Coefficient** | ±0.015% per °C |
| **Isolation Resistance** | 100 MΩ or more (500V DC) |
| **Dielectric Strength** | 2000V AC @ 1 minute |
---
### 4. Typical Wiring Diagram (Simplified)
```text
[ Power L ] ----(1) (5)---- [ Output 1 (+) ]
[ Power N ] ----(2) (6)---- [ Output 1 (-) ]
[ M2VF2 ]
[ Input (+) ] --(3) (7)---- [ Output 2 (+) ]
[ Input (-) ] --(4) (8)---- [ Output 2 (-) ]
```
---
- ⤷
What are the load resistance limits for the 4-20mA output on this model?
- ⤷ How do I calibrate the Zero and Span settings for the M2VF2?
- ⤷ Can the X1 suffix indicate a conformal coating for harsh environments?