M2VF2-A2-R2
AI

The **M2VF2-A2-R2** is a specialized electronic component, specifically a **Solid State Timer (Relay)** manufactured by **MACROMATIC**. It belongs to the SS series and is designed for industrial automation and control circuits.
### 1. Technical Specifications
The following table outlines the primary electrical and physical characteristics of the M2VF2-A2-R2:
| Feature | Specification |
| :--- | :--- |
| **Component Type** | Solid State Time Delay Relay |
| **Input Voltage** | 120V AC (indicated by "A2") |
| **Output Type** | SPDT (Single Pole Double Throw) |
| **Output Rating** | 10A @ 240V AC / 28V DC |
| **Function** | Variable Off-Delay / Interval (depending on wiring) |
| **Time Range** | 0.1 to 10 Seconds (indicated by "R2") |
| **Mounting** | 8-Pin Circular (Plug-in) |
---
### 2. Key Electronic Features
* **Solid State Circuitry:** Unlike purely mechanical timers, this unit uses internal solid-state electronics for timing logic, ensuring high repeatability and a longer lifespan.
* **Variable Adjustment:** The "R2" suffix designates a specific timing range (0.1–10s). The user can adjust the delay within this window using an integrated potentiometer on top of the device.
* **Contact Configuration:** It features an isolated **SPDT relay**. This allows the device to control two separate circuits (one Normally Open, one Normally Closed) simultaneously when the timer triggers.
* **Transient Protection:** Includes internal protection to prevent damage from voltage spikes commonly found in industrial power environments.
---
### 3. Functional Operation
The device typically operates in one of the following modes depending on the specific sub-model wiring, but most commonly acts as an **Off-Delay** or **Interval** timer:
1. **Input Power:** When power is applied to the input terminals, the internal relay energizes (or starts the timer).
2. **Timing Cycle:** The electronics monitor the potentiometer setting. Once the set time (e.g., 5 seconds) expires, the relay switches states.
3. **Reset:** Removing power resets the internal solid-state logic for the next cycle.
---
### 4. Comparison to Standard Relays
| Feature | Standard Relay | M2VF2-A2-R2 |
| :--- | :--- | :--- |
| **Switching** | Immediate | Delayed / Timed |
| **Logic** | Electromechanical | Solid-State Timing + Relay Output |
| **Adjustability** | None | Potentiometer Tunable |
- ⤷
What are the alternative time ranges available for this series?
- ⤷ How is the 8-pin base wired for an Off-Delay application?
- ⤷ Can this unit handle inductive loads like motors?