Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

  • M2VF2-AE-R

  • AI
    The **M2VF2-AE-R** is a specific electronic component, typically categorized as a high-performance **M.2 (Key M) to PCIe Adapter/Controller card** or an expansion module used in industrial and embedded computing. It is often associated with brands like **Advantech** or specialized hardware manufacturers. Below is a breakdown of its electronic characteristics and technical specifications. --- ### 1. Key Technical Specifications | Feature | Description | | :--- | :--- | | **Form Factor** | M.2 2280 (80mm length) | | **Interface (Host)** | M.2 M-Key (PCIe x2 or x4) | | **Interface (Device)** | Dual/Single Mini-PCIe or specific Video/IO outputs | | **Operating Voltage** | 3.3V (standard M.2 rail) | | **Operating Temp** | Usually 0°C ~ 70°C (Standard) or -40°C ~ 85°C (Industrial) | | **Protocol Support** | PCIe Gen 3 / Gen 2 | --- ### 2. Electronic Components and Architecture The module functions as a bridge between the M.2 interface and secondary I/O requirements. Its electronic design typically includes: * **PCIe Bridge Controller:** A central integrated circuit (IC) that manages data traffic between the M.2 host and the output peripherals. * **Voltage Regulators (LDO/Buck):** Converts the 3.3V input from the M.2 slot into stable lower voltages (like 1.8V or 1.2V) required for the internal logic chips. * **Signal Re-drivers:** These components ensure signal integrity across the PCB traces, minimizing data loss or interference at high frequencies. * **Filter Capacitors:** Multilayer Ceramic Capacitors (MLCCs) are used to decouple noise from the power supply lines to ensure stable operation. --- ### 3. Use Cases and Applications The "AE" in the suffix often denotes its target market or specific physical configuration (like an A+E Key or an adapter for such). Common uses include: 1. **Industrial PC Expansion:** Adding secondary network ports or specialized I/O to a compact motherboard that only has an M.2 slot. 2. **Storage Transition:** Converting an M.2 slot to support different storage form factors. 3. **Video Processing:** Sometimes used in capture card modules to bridge video signals into the system via the PCIe lanes. --- ### 4. Implementation Example (System Integration) If you were to interface with this module at a software level, it would appear as a PCIe device behind a bridge: ```bash # In a Linux environment, you would identify the hardware using: lspci -vv | grep -i "PCIe bridge" # This would show the bridge chip utilized by the M2VF2-AE-R # and the sub-devices connected to it. ```
    ✨ Follow-up Questions
    • ⤷ What is the maximum data throughput of the M2VF2-AE-R interface?
    • ⤷ Does this module require external power or does it draw solely from the M.2 slot?
    • ⤷ Is the M2VF2-AE-R compatible with NVMe-only slots?