M2VF2-B1-R/CE
AI

The **M2VF2-B1-R/CE** is a high-performance, signal-conditioning electronic module manufactured by **M-System**. It belongs to the M2 Series and is specifically a **V-Network Signal Conditioner** designed to convert and isolate DC input signals into standardized output signals.
---
## 1. Technical Specifications
The following table summarizes the core electronic characteristics of the M2VF2-B1-R/CE model:
| Feature | Specification |
| :--- | :--- |
| **Input Signal** | 4 to 20 mA DC |
| **Output Signal** | 4 to 20 mA DC |
| **Power Input** | 24V DC (R code) |
| **Accuracy** | ±0.1% of span |
| **Response Time** | ≤ 0.5 seconds (0 – 90%) |
| **Isolation** | 3-way (Input - Output - Power) |
| **Dielectric Strength** | 2000V AC @ 1 minute |
| **Standards** | CE Marking compliant |
---
## 2. Key Component Functions
The device operates using a specific internal architecture to ensure signal integrity and safety:
### A. Signal Isolation (Optical/Magnetic)
The module uses 3-way isolation. This prevents ground loops and protects sensitive PLC/DCS input cards from high-voltage surges or electrical noise originating at the field sensor side.
### B. Precision Operational Amplifiers
High-linearity op-amps are used to ensure that the 4-20mA input is mirrored to the output with minimal drift. The "V-Network" circuitry helps in stabilizing signals that might fluctuate due to impedance changes.
### C. Power Conversion (DC/DC Converter)
The "R" suffix indicates a 24V DC power supply. Internally, the unit uses a DC/DC converter to regulate voltage for the internal logic while maintaining the isolation barrier between the power rails and the signal path.
---
## 3. Terminal Connections
The device is typically mounted on a DIN rail and uses a plug-in base. The wiring configuration is generally categorized as follows:
1. **Input Terminals:** Connection for the 4-20mA current loop from the field transmitter.
2. **Output Terminals:** Provides the isolated 4-20mA signal to the control system.
3. **Power Terminals:** 24V DC input (Polarity sensitive).
---
## 4. Deciphering the Model Code
To understand the specific electronics of this unit, the suffix breakdown is as follows:
* **M2VF2**: Model series (V-Network Signal Conditioner).
* **B**: Output signal (4 - 20 mA DC).
* **1**: Input signal (4 - 20 mA DC).
* **R**: Power input (24V DC).
* **CE**: European Conformity (EMC and Safety standards).
- ⤷
How does the 3-way isolation in this module prevent ground loops?
- ⤷ What is the maximum load resistance supported by the 4-20mA output?
- ⤷ Are there specific environmental conditions required for mounting the M2VF2?