M2VF2-B3-R2/UL
AI

Based on the model number **M2VF2-B3-R2/UL**, this device is a high-performance **M-System M2 Series Signal Conditioner**. Specifically, it is a variable output transmitter designed to convert a standard DC input into a different, isolated DC output.
---
### 1. Component Specifications
The alphanumeric code identifies the specific electrical configuration of the unit:
| Code Segment | Description | Specific Detail |
| :--- | :--- | :--- |
| **M2VF2** | Model Series | M2 Series Signal Conditioner (Variable Output) |
| **B** | Power Input | 100 – 240V AC (50/60 Hz) |
| **3** | Input Signal | 0 – 1V DC |
| **R2** | Output Signal | 4 – 20mA DC (with variable adjustments) |
| **UL** | Certification | UL/cUL recognized component |
---
### 2. Key Electronic Features
The M2VF2-B3-R2/UL is built with industrial-grade electronic parts to ensure signal integrity:
* **Isolation Circuitry:** It features **3-port isolation** (Input to Output to Power). This prevents ground loops and protects sensitive PLC/DCS inputs from high-voltage surges on the power line or input side.
* **Zero/Span Adjustments:** The front panel contains multi-turn potentiometers. These allow fine-tuning of the output range (e.g., ensuring 4mA corresponds exactly to 0V input).
* **Dielectric Strength:** Capable of withstanding 2000V AC for one minute (Input to Output to Power to Ground).
* **Operating Indicator:** Includes a front-facing LED that indicates the power status and basic health of the internal PCB.
---
### 3. Physical & Wiring Layout
The unit uses a plug-in base structure for easy maintenance.
| Terminal | Connection Type |
| :--- | :--- |
| **1 & 2** | Output Signal (4-20mA) |
| **3 & 4** | No Connection / Shield |
| **5 & 6** | Input Signal (0-1V) |
| **7 & 8** | Power Supply (100-240V AC) |
### 4. Technical Performance
* **Accuracy:** ±0.1% of span.
* **Response Time:** ≤ 0.5 seconds (0 – 90%).
* **Load Resistance:** Up to 750 $\Omega$ for the 4-20mA output.
* **Construction:** Flame-resistant black resin housing.
---
- ⤷How do I calibrate the Zero and Span on this specific model?
- ⤷ What are the mounting requirements for the M2 series base?
- ⤷ Can this unit be used with a 24V DC power supply instead of AC?