M2VT-BC-R/K
AI

The **M2VT-BC-R/K** is a specific model within the **M2VT Series** of plug-in type signal conditioners (transmitters) manufactured by **M-System**. This particular unit is a **Potentiometer Transmitter**, designed to detect the position/resistance of a potentiometer and convert it into a standard instrumentation signal.
---
### 1. Model Breakdown (Nomenclature)
The model code can be broken down to understand its specific electrical characteristics:
| Code Segment | Meaning | Specification |
| :--- | :--- | :--- |
| **M2VT** | Model Series | Potentiometer Transmitter (M2-System) |
| **BC** | Output Signal | **4 to 20 mA DC** |
| **R** | Power Input | **24V DC** |
| **K** | High-Accuracy | Special high-precision version (Optional) |
---
### 2. Electronic Specifications
The device acts as an interface between a mechanical positioner (like a valve sensor) and a control system (PLC/DCS).
#### Input Side (Potentiometer)
* **Resistance Range:** Typically 100 $\Omega$ to 10 k$\Omega$.
* **Excitation Voltage:** Approximately 0.5V DC.
* **Burnout Protection:** Upscale protection is standard (signals a failure if the wire breaks).
#### Output Side (Current Loop)
* **Signal Type:** 4 to 20 mA DC.
* **Load Resistance:** Maximum 550 $\Omega$.
* **Response Time:** $\leq$ 0.5 seconds (0 – 90%).
#### Power & Isolation
* **Supply Voltage:** 24V DC ($\pm$ 10%).
* **Isolation Structure:** 3-way isolation (Input to Output to Power).
* **Dielectric Strength:** 2000V AC @ 1 minute (Input or output or power to ground).
---
### 3. Key Internal Components & Features
The M2VT-BC-R/K utilizes several critical electronic design patterns:
1. **Zero/Span Adjustments:** Located on the front panel, these allow for manual calibration of the 0% (4mA) and 100% (20mA) points to compensate for mechanical variances in the potentiometer.
2. **Linearization Circuitry:** Ensures that the resistance change of the potentiometer is converted into a strictly linear electrical output.
3. **Protective Housing:** It uses a plug-in base structure, allowing the electronic module to be removed or replaced without disturbing the permanent wiring on the base socket.
4. **Operational Status LED:** A power indicator LED is usually present on the front to confirm the 24V DC supply is active.
---
### 4. Typical Wiring Diagram
```text
POTENTIOMETER INPUT OUTPUT (4-20mA)
[1] <--- CW (High) [4] (+)
[2] <--- Wiper [5] (-)
[3] <--- CCW (Low)
POWER SUPPLY
[7] (+) 24V DC
[8] (-) 0V
```
- ⤷
What is the difference between the standard M2VT and the 'K' high-accuracy version?
- ⤷ How do I calibrate the zero and span settings on this specific module?
- ⤷ Can this transmitter be used with a 2-wire or 3-wire potentiometer configuration?