Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

  • M2XF2-S1V2-R/UL

  • AI
    The **M2XF2-S1V2-R/UL** is a specific model of an industrial-grade **Solid State Relay (SSR)** or a specialized **Interface Module**, typically utilized in automation and control systems. Below is a breakdown of its electronic characteristics and specifications. --- ### 1. General Specifications The device is designed for high-reliability switching where mechanical wear must be avoided. The "UL" suffix indicates compliance with Underwriters Laboratories safety standards. | Feature | Description | | :--- | :--- | | **Component Type** | Solid State Relay (SSR) / Interface Terminal | | **Mounting Type** | DIN Rail Mounting | | **Input Signal** | DC Control Voltage (typically 5V, 12V, or 24V depending on sub-variant) | | **Output Type** | MOSFET or Triac (Load dependent) | | **Safety Standard** | UL Recognized / CE Marked | --- ### 2. Key Electronic Components & Architecture The internal circuitry of this module generally consists of three main stages: #### A. Input Circuit (Control Side) * **Optocoupler Isolation:** Provides galvanic isolation between the low-voltage control signal (PLC/Microcontroller) and the high-voltage load. This protects the controller from surges. * **LED Indicator:** A visual status indicator (usually green or red) to show when the input signal is active. * **Current Limiting Resistor:** Ensures the internal opto-LED operates within safe current limits. #### B. Trigger Circuit * **Zero-Cross Detection (Optional):** If the unit switches AC, it often includes zero-cross circuitry to minimize Electromagnetic Interference (EMI) by only switching when the AC voltage is at 0V. * **Snubber Network:** A combination of a resistor and capacitor (RC) used to suppress voltage spikes (dv/dt) when switching inductive loads. #### C. Output Circuit (Switching Side) * **Power Semiconductor:** Uses a MOSFET (for DC loads) or a Triac/SCR (for AC loads). * **Varistor (MOV):** Integrated Over-voltage protection to shield the semiconductor from transient spikes on the load line. --- ### 3. Terminal Connectivity The module typically features a pluggable or screw-terminal interface for easy wiring: | Terminal Label | Function | Description | | :--- | :--- | :--- | | **A1 (+) / A2 (-)** | Input Control | Connection to the PLC or Trigger source. | | **13 / 14 (NO)** | Load Output | The "Contact" that closes to power the device. | | **Shield/GND** | Grounding | Used for noise reduction and safety. | --- ### 4. Technical Use Case The **M2XF2-S1V2-R/UL** is commonly found in: * **PLC Output Expansion:** When the PLC's internal relays cannot handle the required current. * **High-Frequency Switching:** Applications like PWM (Pulse Width Modulation) for heaters or valves. * **Silent Operation:** In environments where the "click" of mechanical relays is undesirable (e.g., medical or office automation).
    ✨ Follow-up Questions
    • ⤷ What is the maximum load current (Amps) supported by this model?
    • ⤷ Does this module support AC or DC load switching specifically?
    • ⤷ How do I troubleshoot a 'No Output' condition on this SSR?