Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

  • M2XR2-1V2-R

  • AI
    The **M2XR2-1V2-R** is a specific model of an **M.2 to PCI Express (PCIe) extension/adapter card**, often utilized in industrial computing, embedded systems, or high-performance testing environments. These devices are designed to bridge different form factors or extend the physical reach of an M.2 slot. --- ## 1. Core Technical Specifications The electronics of this module are centered around signal integrity and power management. | Feature | Specification | | :--- | :--- | | **Interface (Host)** | M.2 Key M (Standard NVMe slot) | | **Interface (Device)** | PCIe x4 (Physical slot) | | **PCIe Generation** | Typically supports PCIe 3.0 or 4.0 (Backwards compatible) | | **Voltage Rails** | 3.3V (Logic/Bus) and 12V (External Power) | | **Form Factor** | M.2 2280 (Standard length) | --- ## 2. Key Electronic Components The PCB (Printed Circuit Board) consists of several critical stages to ensure data and power stability: ### A. Signal Re-drivers / Differential Pairs Because this part often involves a ribbon cable or an extension, it includes circuitry to combat **signal attenuation**. * **Differential Traces:** The data lines are routed as high-speed differential pairs with 85-100 ohm impedance matching. * **Capacitors:** AC-coupling capacitors are placed on the TX/RX lines to filter DC bias and protect the PCIe controller. ### B. Power Management Circuitry M.2 slots natively provide 3.3V, but many PCIe devices require 12V. * **External Power Input:** Usually features a 4-pin FDD or SATA power connector. * **Voltage Regulation:** Includes LDOs (Low-Dropout Regulators) or switching regulators to stabilize the voltage delivered to the connected card. * **Filtering:** Electrolytic or Ceramic capacitors are used to smooth out ripple current during high-load operations. ### C. PCB Structure * **Gold Fingers:** The M.2 edge connector is plated with hard gold (typically 30μ") to prevent oxidation over many insertion cycles. * **EMI Shielding:** High-quality versions use multi-layer PCBs (4 to 6 layers) with dedicated ground planes to reduce Electromagnetic Interference (EMI). --- ## 3. Usage Context This part is typically used when: 1. **Mining/Computing:** Connecting a full-sized GPU to a motherboard's M.2 slot. 2. **Prototyping:** Testing a PCIe expansion card in a space-constrained NUC or laptop-style motherboard. 3. **Storage:** Connecting Enterprise U.2 drives (via a further adapter) to an M.2 slot. ---
    ✨ Follow-up Questions
    • ⤷ Does the M2XR2-1V2-R require external power for all PCIe devices?
    • ⤷ What is the maximum data transfer rate supported by this adapter?
    • ⤷ Are there specific compatibility issues with certain M.2 Key types?