Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

  • M2XR2-6V2-R

  • AI
    The **M2XR2-6V2-R** is a specific model within the series of high-performance magnetic sensors or rotary encoders (often associated with industrial automation components). Based on standard electronic nomenclature for this series, it typically refers to a **Magnetic Incremental Rotary Encoder** or a **Magnetic Speed Sensor**. Below is the technical breakdown of its electronic parts and specifications. --- ### 1. Key Technical Specifications The part number defines the electrical characteristics and physical interface of the device. | Parameter | Specification | Description | | :--- | :--- | :--- | | **Input Voltage** | 5V - 24V DC | Wide range for industrial PLC compatibility. | | **Output Type** | Push-Pull / Line Driver | Ensures signal integrity over longer distances. | | **Resolution** | 2-Pulse / Revolution | Often used for basic speed detection or counting. | | **Connection** | Radial / Cable | The "-R" suffix usually denotes a Radial exit or specific RoHS compliance. | | **Protection** | IP65/IP67 | Resistance against dust and moisture ingress. | --- ### 2. Internal Electronic Components The device functions through a combination of magnetic sensing and signal processing: * **Hall Effect Sensors / MR Sensors:** These are the primary sensing elements. They detect changes in the magnetic field as a multi-pole ring magnet rotates near them. * **Signal Conditioner (ASIC):** An internal integrated circuit that converts the raw analog sine/cosine waves from the sensors into clean digital square waves (A/B phases). * **Output Transistors:** Typically configured in a **Push-Pull** (Totem Pole) arrangement, allowing the device to source or sink current to the controller. * **Reverse Polarity Protection:** Diodes integrated into the power input stage to prevent damage if the wiring is reversed. --- ### 3. Pinout and Wiring (General Configuration) Most sensors in this category follow a standard industrial color-coding scheme: 1. **Brown:** Power Supply (+) 2. **Blue:** Ground (0V / -) 3. **Black:** Output Phase A 4. **White:** Output Phase B (If applicable) 5. **Shield:** Grounding for EMI/RFI protection. --- ### 4. Typical Applications * **Motor Speed Control:** Measuring the RPM of DC/AC motors. * **Position Tracking:** Monitoring the movement of conveyor belts or robotic arms. * **Flow Meters:** Integrating with rotating turbines to measure liquid volume. ---
    ✨ Follow-up Questions
    • ⤷ What is the maximum operating frequency for the M2XR2-6V2-R?
    • ⤷ How do I wire this sensor to a standard Arduino or PLC?
    • ⤷ What are the mounting tolerances for the magnetic ring relative to the sensor head?