Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

  • M2XU-R1V2-M2/N

  • AI
    The **M2XU-R1V2-M2/N** refers to a specific configuration of a high-performance industrial controller, typically associated with the **M-System (now MG CO., LTD.)** M2 series or similar signal conditioner/remote I/O families. These units are designed for signal conversion and data acquisition in industrial automation. --- ### 1. Model Code Breakdown The alphanumeric string defines the electronic hardware specifications: | Code Segment | Description | Specific Component Type | |:---|:---|:---| | **M2XU** | Base Series | Multi-configurable universal transmitter/signal conditioner. | | **R1** | Power Input | Typically indicates **AC/DC Power** (e.g., 100–240V AC or 24V DC). | | **V2** | Output 1 | Standard Voltage Output (often 0–10V DC or 1–5V DC). | | **M2** | Output 2 | Second Output (often a secondary 4–20mA or voltage signal). | | **N** | Options | Typically indicates "None" (standard housing) or specific terminal types. | --- ### 2. Core Electronic Components The internal circuitry of this device consists of several critical stages: #### A. Input Conditioning Stage * **Microprocessor-Based:** Uses a 16-bit or 32-bit MCU to handle linearization and scaling. * **A/D Converter:** A high-resolution (usually 16-bit) Analog-to-Digital converter translates physical signals (Temp, mV, V) into digital data. #### B. Isolation Circuitry * **Galvanic Isolation:** Uses **Opto-couplers** or **Transformers** to provide 3-way isolation (Input-Output-Power). This prevents ground loops and protects sensitive PLC/DCS equipment from high-voltage surges. #### C. Output Stage * **D/A Converter:** Converts the processed digital values back into precise analog voltages or currents. * **Operational Amplifiers (Op-Amps):** Precision amplifiers ensure the signal remains stable despite changes in load resistance. #### D. Power Management * **Switching Power Supply:** An internal DC-DC converter regulates the incoming "R1" power to provide stable internal voltages for the logic and analog circuits. --- ### 3. Key Technical Specifications | Feature | Specification | |:---|:---| | **Accuracy** | Generally ±0.1% of span | | **Isolation Resistance** | 100 MΩ or more (at 500V DC) | | **Dielectric Strength** | 2000V AC for 1 minute | | **Response Time** | Typically ≤ 0.5 seconds | | **Configuration** | PC-programmable or via DIP switches/rotary dials | --- ### 4. Application Usage This part is commonly used as a "bridge" between field sensors and a central control system. It is preferred when: 1. **Noise Mitigation:** The field signal is weak (e.g., a thermocouple) and needs to be converted to a robust 0-10V signal. 2. **Signal Splitting:** One input needs to be sent to two different devices (e.g., a local display and a remote SCADA system) via the "V2" and "M2" outputs.
    ✨ Follow-up Questions
    • ⤷ How do I configure the input range for the M2XU model?
    • ⤷What are the specific wiring pinouts for the R1 power input?
    • ⤷Can this model handle Thermocouple and RTD inputs simultaneously?