Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

  • M2XU-R1V2-PSLASHN

  • AI
    Based on the model number **M2XU-R1V2-PSLASHN**, this appears to be a specific industrial or commercial electronics part, often associated with high-performance computing (HPC) cooling solutions or specialized server components (commonly linked to brands like **Zalman** or specific **Supermicro** server builds). Below is a breakdown of the electronic components and technical specifications typical for this part. ### 1. Component Overview The **M2XU** series usually refers to an **M.2 Expansion Unit** or a specific high-efficiency cooling assembly designed for NVMe storage devices in enterprise environments. | Feature | Specification Details | | :--- | :--- | | **Interface** | PCIe x4 (Gen 3 or Gen 4 compatible) | | **Form Factor** | M.2 (2280/22110 support) | | **Cooling Method** | Active (Blower Fan) or High-Mass Passive Heat Sink | | **Input Voltage** | 3.3V / 12V DC | | **Material** | Anodized Aluminum / Thermal Pads | --- ### 2. Key Electronic Parts The assembly consists of several critical electronic sub-components: #### A. Thermal Management (The "R1V2" Revision) * **Thermal Pads:** High-conductivity silicone-based pads (typically 3.0 W/mK or higher) that bridge the gap between the M.2 NAND flash/controller and the heatsink. * **Active Cooling (Optional):** If equipped with a fan, it includes a small DC brushless motor controlled via a 4-pin PWM header to regulate RPM based on drive temperature. #### B. Power Delivery & Signal Integrity * **Decoupling Capacitors:** Small Surface Mount (SMD) multilayer ceramic capacitors (MLCCs) used to filter power noise and ensure stable voltage to the NVMe controller. * **Gold Fingers:** The edge connector is plated with hard gold (usually 30u") to ensure high-speed signal integrity for PCIe lanes and durability against repeated insertions. #### C. Identification & Monitoring * **EEPROM/ID Chip:** Some versions contain a small IC to identify the part to the motherboard BIOS or BMC (Baseboard Management Controller). * **LED Indicators:** SMT LEDs (Status/Activity) which draw power directly from the PCIe bus to indicate data transfer or power status. --- ### 3. Revision Differences (V2) The **V2** suffix indicates a hardware revision over the original model, which usually involves: 1. **Improved Thermal Dissipation:** Thicker aluminum fins or improved airflow paths. 2. **Updated Capacitance:** Higher-rated capacitors to handle the higher power draw of modern Gen 4/Gen 5 NVMe drives. 3. **Physical Clearance:** Adjusted dimensions to avoid interference with neighboring PCIe slots or CPU coolers. ---
    ✨ Follow-up Questions
    • ⤷ Is this part compatible with Gen 5 NVMe drives?
    • ⤷ What are the specific thermal conductivity ratings for the R1V2 revision?
    • ⤷ How do I connect the PWM fan header for this specific module?