M34C02-RMB6G
AI

### Technical Overview: M34C02-RMB6G
The **M34C02-RMB6G** is a specialized 2-Kbit serial I²C EEPROM (Electrically Erasable Programmable Read-Only Memory) manufactured by STMicroelectronics. It is primarily designed for **DIMM Serial Presence Detect (SPD)** applications.
---
### 1. Key Technical Specifications
| Parameter | Specification |
| :--- | :--- |
| **Memory Size** | 2 Kbits (256 x 8 bits) |
| **Interface** | I²C Serial (2-wire) |
| **Clock Frequency** | 400 kHz (Fast Mode) |
| **Supply Voltage (Vcc)** | 1.7V to 3.6V (Low voltage support) |
| **Package Type** | UFDFPN8 (MLP8) - 2x3 mm |
| **Operating Temperature** | -40°C to +85°C |
| **Write Cycles** | 1,000,000 cycles (Endurance) |
| **Data Retention** | 40 Years |
---
### 2. Functional Features
The M34C02-RMB6G distinguishes itself from standard EEPROMs through specific memory protection mechanisms required for RAM modules:
* **Write Protection:** The device features a Permanent Write Protection (PWP) and a Reversible Write Protection (RWP) for the first 128 bytes. This ensures that the SPD data (critical for the PC to boot and identify RAM) cannot be accidentally overwritten.
* **Sequential Read:** It supports automatic address incrementing for reading the entire memory bank in one operation.
* **Low Power Consumption:** Optimized for battery-operated devices and energy-efficient computing, with a standby current as low as $1 \mu A$.
---
### 3. Pin Configuration (UFDFPN8)
| Pin Number | Name | Function |
| :--- | :--- | :--- |
| 1-3 | E0, E1, E2 | Chip Enable (Address inputs) |
| 4 | Vss | Ground |
| 5 | SDA | Serial Data (Bi-directional) |
| 6 | SCL | Serial Clock (Input) |
| 7 | WC | Write Control (Hardware protection) |
| 8 | Vcc | Supply Voltage |
---
### 4. Part Number Breakdown: `M34C02-RMB6G`
Understanding the suffix helps in identifying the specific physical and chemical properties:
* **M34C02**: Device Type (Application Specific EEPROM for SPD).
* **-R**: Operating Voltage (1.7V to 3.6V).
* **MB**: Package Type (UFDFPN8 / MLP8).
* **6**: Temperature Range (-40 to +85 °C).
* **G**: Process Technology (EcoPack2 - RoHS compliant, Halogen-free).
---
### 5. Application Circuit Example
When connecting the M34C02 to a microcontroller (MCU), pull-up resistors are required on the I²C bus lines.
```cpp
// Example I2C Initialization for M34C02
#include
#define M34C02_ADDR 0x50 // Base address
void setup() {
Wire.begin();
// Write one byte to address 0x00
Wire.beginTransmission(M34C02_ADDR);
Wire.write(0x00); // Memory address
Wire.write(0xAA); // Data
Wire.endTransmission();
}
```
- ⤷
What is the difference between Permanent and Reversible Write Protection in this chip?
- ⤷ Can the M34C02 be used in DDR4 or DDR5 memory modules?
- ⤷ How does the 'G' suffix impact environmental compliance for manufacturing?