Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

  • M34C02-RMB6TP

  • AI
    ### Technical Overview: M34C02-RMB6TP The **M34C02-RMB6TP** is a specialized Serial Presence Detect (SPD) EEPROM manufactured by STMicroelectronics. It is primarily designed for use in memory modules (DRAM) to store configuration data. --- ### 1. Key Technical Specifications | Parameter | Specification | | :--- | :--- | | **Memory Size** | 2 Kbit (256 x 8 bits) | | **Interface** | I²C Serial Interface (2-wire) | | **Supply Voltage (Vcc)** | 1.7V to 3.6V (Low voltage operation) | | **Clock Frequency** | 400 kHz | | **Package** | UFDFPN8 (MLP8) - Ultra-thin Dual Flat No-lead | | **Operating Temp** | -40°C to +85°C | | **Write Cycles** | 1,000,000 cycles | | **Data Retention** | 40 Years | --- ### 2. Functional Sections #### A. Memory Organization The 2 Kbit memory is organized as 256 bytes. It is typically divided into two sections: * **Lower 128 Bytes:** Usually contains the SPD data (manufacturer info, timing parameters). * **Upper 128 Bytes:** General-purpose non-volatile storage. #### B. The Write Protection Mechanism One of the defining electronic features of the M34C02 is its **Software Write Protection**. * It allows the first 128 bytes to be permanently or semi-permanently locked. * This prevents accidental overwriting of critical DRAM timing data. #### C. Interface Pins (UFDFPN8) | Pin Name | Description | Function | | :--- | :--- | :--- | | **SDA** | Serial Data | Bi-directional pin for data transfer. | | **SCL** | Serial Clock | Input for data synchronization. | | **E0, E1, E2** | Chip Enable | Used to define the device address (up to 8 devices on one bus). | | **WC** | Write Control | Hardware pin to enable/disable write operations. | | **Vcc / Vss** | Power Supply | 1.7V - 3.6V / Ground. | --- ### 3. Electronic Characteristics * **Low Power Consumption:** Designed for battery-sensitive and energy-efficient systems, with a standby current often in the micro-amp range. * **Schmitt Trigger Inputs:** The SCL and SDA inputs include filtering to suppress noise, which is critical in high-speed computing environments. * **Byte and Page Write:** Supports writing a single byte or a page of up to 16 bytes at a time, improving efficiency during factory programming. --- ### 4. Common Applications 1. **DDR2 / DDR3 Memory Modules:** Storing module speed, latency, and density. 2. **Consumer Electronics:** Small configuration storage in tablets or laptops. 3. **Identification Tags:** Used in hardware components to verify authenticity or versioning.
    ✨ Follow-up Questions
    • ⤷ How does the Software Write Protection command differ from the hardware WC pin?
    • ⤷ What are the specific advantages of the UFDFPN8 package in modern PCB design?
    • ⤷ Can the M34C02-RMB6TP be used in 5V I2C systems without level shifters?