Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

  • M3A13TBA-R

  • AI
    The **M3A13TBA-R** is a specific technical model identifier, most commonly associated with **three-phase asynchronous motors** (typically industrial AC induction motors) or specialized power modules. Based on standard industrial naming conventions (often used by manufacturers like Mitsubishi or Toshiba), here is a breakdown of the electronic and electromechanical components involved. --- ## 1. Technical Specifications Overview If this refers to a standard high-efficiency industrial motor, the electronic characteristics are typically as follows: | Feature | Specification (Typical) | | :--- | :--- | | **Type** | Three-Phase Squirrel Cage Induction Motor | | **Input Voltage** | 200V - 440V AC (Region Dependent) | | **Frequency** | 50Hz / 60Hz | | **Enclosure** | TEFC (Totally Enclosed Fan Cooled) | | **Insulation Class** | Class F (155°C) | | **Efficiency Class** | IE3 (Premium Efficiency) | --- ## 2. Key Electronic & Internal Parts ### A. The Stator Winding The core electronic component is the stator. It consists of high-purity copper windings insulated with specialized resin. * **Function:** When three-phase power is applied, these windings create a rotating magnetic field (RMF). * **Protection:** Often includes embedded **PTC Thermistors** (Positive Temperature Coefficient) to trigger a shutdown if the internal temperature exceeds safety limits. ### B. The Terminal Box (T-Box) This is the interface where external electrical wiring meets the internal electronics. * **Terminal Block:** Usually made of ceramic or high-grade plastic with brass studs. * **Wiring Configuration:** Supports **Star (Y)** or **Delta (Δ)** connections depending on the supply voltage. * **Grounding Lug:** A critical safety component to prevent electrical shock. ### C. Rotor Assembly While primarily mechanical, the rotor interacts electromagnetically. * **Conductive Bars:** Typically aluminum or copper die-cast bars. * **Induced Current:** The RMF from the stator induces a current in these bars, creating the motor's torque. --- ## 3. Electronic Control Requirements The M3A13TBA-R cannot simply be plugged into a wall; it requires specific electronic control infrastructure: 1. **VFD (Variable Frequency Drive):** To control speed and torque, an electronic inverter is used to vary the input frequency. 2. **Magnetic Contactor / Starter:** An electromagnetic switch used to safely engage the high-current load. 3. **Overload Relay:** An electronic or thermal sensing device that monitors current draw to prevent "burnout" during a stall. --- ## 4. Maintenance & Diagnostic Parts * **Bearings (Shielded):** Often pre-lubricated to prevent friction-induced electrical noise. * **Shaft Grounding Ring (Optional):** Used in VFD applications to bleed off "stray" currents that can cause EDM (Electrical Discharge Machining) pitting in the bearings. ---
    ✨ Follow-up Questions
    • ⤷ What is the specific horsepower (HP) or kW rating for this model?
    • ⤷ Can this motor be used with a 240V single-phase input via a VFD?
    • ⤷ What are the common failure points in the stator windings of this series?