M3H43FAD-R
AI

The **M3H43FAD-R** is an integrated circuit (IC) belonging to the **M3H Group** of microcontrollers based on the **ARM® Cortex®-M3** core. It is manufactured by Toshiba and is designed specifically for motor control and industrial automation applications.
---
## 1. Core Specifications
The M3H43FAD-R is built to balance power efficiency with the computational requirements of real-time control.
| Feature | Specification |
| :--- | :--- |
| **Core** | ARM® Cortex®-M3 |
| **Maximum Frequency** | 40 MHz - 80 MHz (depending on specific revision) |
| **Flash Memory** | 128 KB - 256 KB |
| **RAM** | 16 KB - 32 KB |
| **Operating Voltage** | 2.7V to 5.5V |
| **Package Type** | LQFP (Low-profile Quad Flat Package) |
---
## 2. Key Electronic Components & Subsystems
The internal architecture of the M3H43FAD-R consists of several specialized electronic modules:
### A. Advanced Programmable Motor Control (A-PMD)
This is the most critical part for electronic drive applications. It allows the IC to control three-phase motors (like BLDC or PMSM) with minimal CPU intervention.
* **PWM Generation:** High-resolution Pulse Width Modulation.
* **Dead-time Insertion:** Prevents short circuits in external power MOSFETs.
### B. Analog-to-Digital Converter (ADC)
To sense the physical world (voltage, current, temperature), the chip includes a high-speed 12-bit ADC.
* **Channels:** Multiple input channels.
* **Conversion Speed:** Fast enough to perform vector control calculations in real-time.
### C. Communication Interfaces
The part includes standard digital electronic interfaces for interacting with other sensors or master controllers:
* **UART/SIO:** For serial communication.
* **I2C:** For peripheral sensor communication.
* **TSPI:** High-speed SPI for memory or display interfacing.
---
## 3. Peripheral Hardware Features
The "R" suffix often indicates specific packaging (like Tape & Reel) or a specific revision within the Toshiba ecosystem focused on reliability.
### Safety and Reliability Features
* **Oscillation Stop Detector:** Monitors the external crystal; if it fails, the internal RC oscillator takes over.
* **Watchdog Timer (WDT):** Resets the system if the software hangs.
* **Voltage Detection (LVD):** Monitors supply voltage to ensure the electronic parts don't operate in an unstable brown-out state.
---
## 4. Typical Application Circuit
When designing a PCB with the M3H43FAD-R, the following external electronic parts are usually required:
```c
// Example of a basic peripheral initialization sequence (C-code logic)
void System_Init(void) {
Clock_Setup(80MHz); // Internal PLL setup
GPIO_Mode(PWM_OUT); // Configure pins for Motor Drive
ADC_Enable(12BIT); // Enable current sensing
Interrupt_Config(); // Set priorities for real-time tasks
}
```
1. **Decoupling Capacitors:** 0.1µF ceramic capacitors near the VDD pins.
2. **Crystal Oscillator:** Typically 8MHz to 12MHz for the main clock.
3. **Reset Circuit:** A simple RC network or a dedicated reset IC.
- ⤷
What are the specific power consumption ratings for the M3H43FAD-R in sleep mode?
- ⤷ How does the A-PMD module differ from standard PWM modules in other microcontrollers?
- ⤷ What is the pin count and physical dimension of the LQFP package used for this part?