AI

The **M3H51FAD-R** is an integrated circuit (IC) belonging to the **M3H group** of microcontrollers, developed by **Toshiba**. It is based on the high-performance **ARM® Cortex®-M3** core. This specific part is designed for applications requiring high-speed processing, low power consumption, and robust motor control.
---
### 1. Key Technical Specifications
The following table outlines the core electronic parameters of the M3H51FAD-R:
| Feature | Specification |
| :--- | :--- |
| **Core** | ARM® Cortex®-M3 |
| **Maximum Frequency** | 40 MHz - 80 MHz (varies by power mode) |
| **Flash Memory** | 256 KB |
| **SRAM** | 32 KB |
| **Operating Voltage** | 2.7V to 5.5V |
| **Package Type** | LQFP100 (14x14mm) |
| **I/O Ports** | Up to 87 pins |
---
### 2. Functional Electronic Components
The M3H51FAD-R integrates several critical electronic sub-systems onto a single chip:
#### A. Analog-to-Digital Conversion (ADC)
* **Resolution:** 12-bit.
* **Channels:** High-speed multi-channel conversion (typically up to 16 channels).
* **Purpose:** Essential for reading sensors (temperature, pressure) and monitoring current/voltage in motor control.
#### B. Motor Control Circuitry (A-PMD)
* **Advanced Programmable Motor Driver (A-PMD):** A dedicated hardware block that generates 3-phase PWM signals.
* **Safety Features:** Includes emergency stop functions (fault detection) to protect the power electronics stage from short circuits.
#### C. Communication Interfaces
* **UART/SIO:** For serial data exchange.
* **I2C:** For peripheral communication (EEPROM, sensors).
* **TSPI:** High-speed SPI for display drivers or external memory.
#### D. Power Management
* **Voltage Regulator:** Internal regulator to step down the external supply for the core logic.
* **Low Power Modes:** Supports Idle, Stop, and Sleep modes to minimize current draw in battery-powered applications.
---
### 3. Application Use Cases
Due to its high-speed ADC and motor control timers, this part is commonly used in:
1. **Home Appliances:** Washing machines, air conditioners (inverter control).
2. **Industrial Equipment:** Small-scale pumps, fans, and conveyor controllers.
3. **Office Automation:** Printers and scanners.
---
### 4. Code Implementation (Example)
In a typical development environment, initializing a GPIO pin on this Cortex-M3 core would look like this:
```c
#include "TXZ_M3H.h"
void GPIO_Init(void) {
/* Enable Clock for Port A */
TSB_CG_FSYSENA_IPENA04 = 1;
/* Set PA0 as Output */
TSB_PA_CR_PA0C = 1; // Control register
TSB_PA_DATA_PA0 = 1; // Set Pin High
}
```
- ⤷
What are the specific power consumption ratings for the M3H51FAD-R in 'Stop' mode?
- ⤷ Does this microcontroller support CAN bus communication?
- ⤷ What are the primary differences between the M3H and M4H groups from Toshiba?