M3H52TCD-R
AI

The **M3H52TCD-R** belongs to the **M3H Group** of microcontrollers developed by **Toshiba Electronic Devices & Storage Corporation**. This series is part of the **TXZ+™ Family Advanced Class**, based on the ARM® Cortex®-M3 core.
Below is a detailed breakdown of its electronic specifications and characteristics.
---
### 1. Core Architecture
| Feature | Specification |
| :--- | :--- |
| **Core** | ARM® Cortex®-M3 |
| **Max Operating Frequency** | 120 MHz |
| **Instruction Set** | Thumb-2 technology for high code density |
| **Operating Voltage** | 2.7V to 5.5V (Single supply) |
### 2. Memory Resources
The "M3H52" designation specifically refers to the memory and pin configuration:
* **Code Flash:** 512 KB (Supports high-speed read/write).
* **Data Flash:** 32 KB (For data storage/EEPROM emulation).
* **RAM:** 64 KB.
### 3. Integrated Peripherals
The M3H52TCD-R is designed for motor control and industrial automation, featuring:
#### **A. Analog Functions**
* **12-bit ADC:** High-speed Analog-to-Digital converter with up to 12 channels.
* **DA Converter:** 8-bit DAC (2 channels).
#### **B. Timers & PWM**
* **A-PMD (Advanced Programmable Motor Control):** Specifically designed to drive 3-phase brushless DC motors with vector control support.
* **32-bit Timers:** High-resolution timers for pulse measurement and PWM generation.
#### **C. Communication Interfaces**
* **UART:** 4-5 channels for serial communication.
* **I2C:** 2 channels (Support for standard/fast mode).
* **TSPI:** Serial Peripheral Interface for high-speed synchronous data transfer.
---
### 4. Package & Environmental
* **Package Type:** LQFP100 (100-pin Low-profile Quad Flat Package).
* **Operating Temperature:** -40°C to +85°C.
* **Power Consumption:** Optimized for low-power standby modes while maintaining fast wakeup.
### 5. Application Areas
Due to its specialized motor control timers (A-PMD) and 5V operation capability, this part is commonly found in:
1. **Home Appliances:** Washing machines, air conditioners (inverter control).
2. **Industrial Equipment:** Small-to-medium motor drives and factory automation sensors.
3. **Consumer Electronics:** High-precision robotics and office automation.
---
- ⤷
What are the specific advantages of using the ARM Cortex-M3 core for motor control?
- ⤷ How does the A-PMD peripheral improve 3-phase motor efficiency?
- ⤷ What is the significance of the '5.5V operation' for industrial applications?