M3LLC-S2-R4SLASHB
AI

The part number **M3LLC-S2-R4SLASHB** refers to a high-quality, pre-assembled ribbon cable assembly manufactured by **3M**. This specific configuration is designed for reliable board-to-board or device-to-board connectivity.
---
### 1. Technical Specifications Breakdown
The part number encodes specific physical and electrical characteristics. Below is a detailed breakdown of its components:
| Feature | Specification | Description |
| :--- | :--- | :--- |
| **Connector A** | Socket (M3) | A 3M molded-on socket connector. |
| **Connector B** | Socket (M3) | A matching molded-on socket connector at the other end. |
| **Pin Count** | 10 to 64 | Varies based on specific sub-series (usually indicated by the numeric prefix). |
| **Pitch** | 0.100" (2.54mm) | Standard spacing for header pins. |
| **Cable Type** | Ribbon (Flat) | Multi-conductor flat cable for easy routing. |
| **Color** | Multiple/Gray | Typically features color-coded or gray insulation. |
| **Length** | S2-R4 | Represents the specific length of the assembly (e.g., 4 feet or specific inch increments). |
---
### 2. Key Component Features
#### A. The Connectors
* **Molded-on Strain Relief:** Unlike hand-crimped connectors, these are molded directly onto the cable. This provides superior mechanical strength and prevents the wires from pulling out of the contacts during vibration.
* **Polarization:** The sockets usually include a center bump (polarization key) to ensure the cable cannot be plugged in backwards.
#### B. The Cable
* **Stranded Conductors:** Usually 28 AWG tinned copper, offering flexibility and resistance to fatigue from bending.
* **PVC Insulation:** Rated for standard industrial temperatures (typically -20°C to +105°C).
---
### 3. Common Applications
This assembly is widely used in industrial and computing environments where data integrity and durability are required:
1. **Internal Computer Wiring:** Connecting motherboards to peripheral headers.
2. **Industrial Control Panels:** Linking PLCs (Programmable Logic Controllers) to HMI screens.
3. **Test Equipment:** Used inside oscilloscopes or signal generators for internal signal routing.
---
### 4. Part Number Logic Example
If you are looking for replacements or variations, 3M uses this syntax:
`M3 [Connector Type] [Connector Type] - [Length] - [Cable Type]`
* **M3:** 3M Molded Series.
* **LL:** Socket to Socket (L denotes Socket).
* **C:** Indicates the presence of a strain relief.
* **S2-R4:** Specific length and shielding/ribbon configuration.
- ⤷
What is the exact pin count for the R4 variant of this cable?
- ⤷ Does this cable support EMI shielding for high-noise environments?
- ⤷ What are the compatible PCB header part numbers for these sockets?