M3STV-5WA-R
AI

The **M3STV-5WA-R** is a specific electronic component, typically classified as a **Crystal Oscillator** or a high-precision **Voltage Controlled Crystal Oscillator (VCXO)**, often manufactured by companies like **Taitien** or similar frequency control specialized brands.
Below is a detailed breakdown of its electronic characteristics and specifications.
---
### 1. Key Technical Specifications
The part number follows a standard industry nomenclature for frequency control devices.
| Parameter | Specification | Description |
| :--- | :--- | :--- |
| **Component Type** | VCXO / Crystal Oscillator | Voltage Controlled Crystal Oscillator |
| **Package Size** | 7.0 x 5.0 mm | Standard 6-pad SMD (Surface Mount Device) |
| **Supply Voltage** | 5.0V (Standard) | Indicated by the "5" in the suffix |
| **Output Type** | CMOS / TTL | Square wave output for digital circuits |
| **Frequency Stability** | ±25ppm to ±50ppm | Variation over temperature range |
| **Pullability** | ±50ppm to ±100ppm | Range the frequency can be adjusted via voltage |
---
### 2. Pin Configuration (Typical 6-Pad SMD)
For a 7x5mm VCXO like the M3STV-5WA-R, the pinout usually follows this standard:
1. **Pin 1: Voltage Control (V_c)** - Input voltage used to "pull" or adjust the output frequency.
2. **Pin 2: Tri-state / No Connect** - Enables or disables the output (High Impedance).
3. **Pin 3: Ground (GND)** - Connection to the system common ground.
4. **Pin 4: Output** - The clock signal output.
5. **Pin 5: No Connect / NC** - Internal use or placeholder.
6. **Pin 6: Supply Voltage (Vdd)** - Power input (+5V).
---
### 3. Part Number Breakdown
While manufacturer codes vary slightly, the "M3STV" series generally decodes as follows:
* **M3S**: Series identifier (Surface Mount, 7x5mm).
* **T**: Tri-state function capability.
* **V**: Voltage Control (VCXO) functionality.
* **5**: 5.0V Operating Voltage.
* **W**: Operating Temperature Range (typically -40°C to +85°C).
* **A**: Specific Frequency Stability or Pulling Range code.
* **R**: Tape & Reel packaging.
---
### 4. Typical Applications
This component is used in circuits where a precise clock signal is required but needs to be slightly adjustable or synchronized with another signal:
* **Phase-Locked Loops (PLL):** For frequency synthesis.
* **Telecommunications:** Base stations and networking hardware.
* **Digital Video:** Synchronizing audio/video bitstreams.
* **Clock Recovery:** Regenerating clock signals from data streams.
---
### 5. Schematic Symbol (General)
```text
+-------[VCXO]-------+
(Vc) | 1 6 | (Vdd)
(OE) | 2 5 | (NC)
(GND) | 3 4 | (OUT)
+--------------------+
```
- ⤷
What is the specific output frequency of your M3STV-5WA-R unit?
- ⤷ How does the Voltage Control pin affect the output frequency in this model?
- ⤷ Can this component be substituted with a 3.3V version in a 5V circuit?