M3V64V2J-R
AI

The **M3V64V2J-R** is a specific surface-mount electronic component, categorized as a **Voltage Controlled Crystal Oscillator (VCXO)**. It is widely used in telecommunications and high-speed data networking for frequency synchronization.
---
### 1. Technical Specifications
Below are the primary electrical and physical characteristics of the M3V64V2J-R:
| Feature | Specification |
| :--- | :--- |
| **Type** | Voltage Controlled Crystal Oscillator (VCXO) |
| **Output Type** | LVDS (Low Voltage Differential Signaling) |
| **Operating Voltage** | 3.3V (Typical) |
| **Package Size** | 5.0 x 3.2 mm (6-pad SMD) |
| **Frequency Stability** | Generally ±25ppm to ±50ppm (varies by sub-grade) |
| **Control Voltage Range** | 0.3V to 3.0V (Standard) |
| **Operating Temperature** | -40°C to +85°C (Industrial Grade) |
---
### 2. Key Components & Working Principle
The M3V64V2J-R integrates several internal parts to perform its function:
1. **Quartz Crystal Blank:** The fundamental resonating element that determines the base frequency.
2. **Varactor Diode:** An internal electronic part that acts as a variable capacitor. By changing the "Control Voltage" (Pin 1), the capacitance changes, slightly shifting the crystal's frequency.
3. **Oscillator IC:** An application-specific integrated circuit (ASIC) that maintains the oscillation and converts the signal into an **LVDS** format.
4. **Ceramic Package:** A hermetically sealed 6-pad ceramic housing that protects the internal sensitive parts from humidity and mechanical stress.
---
### 3. Pin Configuration
The device typically uses a 6-pad layout:
* **Pin 1 (VC):** Voltage Control input (used to "pull" or tune the frequency).
* **Pin 2 (OE):** Output Enable (allows the output to be turned on/off).
* **Pin 3 (GND):** Ground connection.
* **Pin 4 (OUT):** Main LVDS signal output.
* **Pin 5 (OUT-C):** Complementary LVDS signal output.
* **Pin 6 (Vdd):** DC Power supply (3.3V).
---
### 4. Typical Applications
Because of its LVDS output and frequency tuning capabilities, it is used in:
* **Phase-Locked Loops (PLLs):** For clock recovery and frequency synthesis.
* **SONET / SDH:** High-speed fiber optic networking.
* **WiMAX / LTE Base Stations:** Ensuring precise timing across wireless networks.
* **Broadband Access:** Used in routers and switches to reduce jitter.
- ⤷
What is the difference between a standard XO and a VCXO like the M3V64V2J-R?
- ⤷ How does the LVDS output benefit high-speed digital circuits?
- ⤷ What is the 'Pullability' range of this specific oscillator?