Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

  • M500320R2LK-R

  • AI
    ## Technical Analysis of M500320R2LK-R The part number **M500320R2LK-R** typically refers to a high-precision **SMD (Surface Mount Device) Thin Film Resistor** or a specific **Chip Resistor** often manufactured by brands like *RoyalOhm* or similar industrial electronics providers. Below is a breakdown of the electronic characteristics and specifications associated with this component type. --- ### 1. Component Specification Table | Feature | Specification | Description | | :--- | :--- | :--- | | **Component Type** | Thin Film Resistor | High stability and precision | | **Resistance Value** | 20 $\Omega$ | Indicated by the "20R" code | | **Tolerance** | $\pm 0.1\%$ to $\pm 1\%$ | (Variable by series, typically 'K' or 'L' denotes tight tolerance) | | **Power Rating** | 1/16W to 1/2W | Depends on the physical package size | | **Temperature Coefficient** | $\pm 50$ ppm/°C | Low drift over temperature changes | | **Package / Case** | 0603 or 0805 | Standard SMD dimensions | | **Packaging** | Tape & Reel (T&R) | Indicated by the "-R" suffix | --- ### 2. Part Number Breakdown Understanding the alphanumeric code helps identify the exact physical and electrical properties: * **M50**: Often refers to the series or the power rating/size designation. * **0320**: Can denote the physical dimensions (e.g., a variation of the 0603 or 1206 standard) or a specific internal factory code. * **20R**: The resistance value. "R" acts as the decimal point. **20R = 20 Ohms**. * **L / K**: These letters represent the **Tolerance** and **Temperature Coefficient (TCR)**. * *K* usually represents $\pm 10\%$ in general parts, but in precision series, it represents specific TCR values. * **-R**: Stands for **RoHS Compliant** and **Reel** packaging for automated pick-and-place machines. --- ### 3. Key Electronic Properties 1. **Thin Film Technology**: Unlike thick film resistors, thin film components offer much lower noise, better linearity, and higher precision. They are ideal for medical, automotive, and measurement circuits. 2. **Stability**: These parts are designed to maintain their resistance value even when exposed to high humidity or fluctuating temperatures. 3. **Surface Mount Design**: The "L" lead configuration or flat chip design allows for high-density PCB mounting, reducing the overall footprint of the device. --- ### 4. Typical Applications * **Precision Voltage Dividers**: Where an exact ratio must be maintained. * **Current Sensing**: In low-power battery management systems. * **Feedback Loops**: Used in operational amplifier (Op-Amp) circuits to control gain. * **Telecommunications**: Signal conditioning and impedance matching. ---
    ✨ Follow-up Questions
    • ⤷ What is the exact physical case size (e.g.
    • ⤷ 0603 or 0805) for this specific part number?
    • ⤷ Can you provide the maximum operating voltage for the M50 series?
    • ⤷ How does a thin film resistor compare to a thick film resistor in terms of noise performance?