Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

  • M5M5-01-R

  • AI
    The **M5M5-01-R** refers to a high-performance **Magnetic Position Sensor** (often associated with the M5 Series or specific industrial encoder modules). These parts are designed to detect the angular or linear position of a magnet and convert that physical movement into an electrical signal. --- ## 1. Core Technical Specifications Below are the typical electronic characteristics found in this class of magnetic sensors: | Specification | Value/Range | Description | | :--- | :--- | :--- | | **Input Voltage** | 3.3V to 5.0V DC | Standard logic level power supply. | | **Output Type** | Analog / PWM / Digital | Supports various communication protocols (often SPI or I2C). | | **Resolution** | 12-bit to 14-bit | High precision for fine angular movements. | | **Operating Temp** | -40°C to +125°C | Industrial grade thermal tolerance. | | **Technology** | Hall Effect | Uses a magnetic field to determine orientation. | --- ## 2. Key Electronic Components The internal architecture of the M5M5-01-R typically consists of several integrated stages: ### A. The Hall Element Array This is the "front end" of the part. It consists of multiple Hall effect sensors that detect the vertical and horizontal components of the magnetic field generated by a nearby permanent magnet. ### B. Signal Conditioning (DSP) The raw signals from the Hall elements are extremely small. The electronic package includes: * **Low-Noise Amplifiers:** To boost the signal. * **Analog-to-Digital Converters (ADC):** To digitize the magnetic flux data. * **CORDIC Processor:** A digital signal processor that calculates the arctangent of the magnetic field components to determine the exact angle. ### C. Output Interface The part provides several ways to read the data: 1. **Analog Output:** A voltage level proportional to the angle. 2. **PWM:** A pulse-width modulated signal where the duty cycle represents the position. 3. **Digital Bus:** Direct communication with microcontrollers via **SPI** (Serial Peripheral Interface) for high-speed data transfer. --- ## 3. Integration Diagram (Sample Connection) To interface this part with a microcontroller (like an ESP32 or Arduino), the wiring usually follows this logic: ```cpp // Example: Basic SPI Initialization for a Magnetic Sensor #include const int CS_PIN = 10; // Chip Select for the M5M5 sensor void setup() { Serial.begin(115200); pinMode(CS_PIN, OUTPUT); digitalWrite(CS_PIN, HIGH); SPI.begin(); } void loop() { // Logic to read 14-bit angle data from the sensor } ``` --- ## 4. Typical Applications * **Robotics:** Joint position feedback for servo motors. * **HMI Devices:** Digital knobs and rotary encoders that don't wear out (contactless). * **Automotive:** Steering wheel angle sensing and throttle position. * **Drones:** Gimbal motor stabilization and orientation control.
    ✨ Follow-up Questions
    • ⤷ What is the maximum rotational speed (RPM) supported by this sensor?
    • ⤷ Does the M5M5-01-R support 'Zero Position' programming?
    • ⤷ Which magnetic field strength (mT) is recommended for optimal accuracy?