M5MV-101-R
AI

The **M5MV-101-R** is a specific high-performance **Micro-Solenoid Valve** manufactured by **CKD Corporation**. These components are widely used in pneumatic control systems where precision, compact size, and rapid response times are critical.
Below is a detailed breakdown of its electronic and mechanical parts, specifications, and applications.
---
### 1. Component Overview
The M5MV series is characterized by its "Micro-Valve" design, intended for manifold mounting in automated machinery.
| Feature | Specification |
| :--- | :--- |
| **Type** | 3-Port Solenoid Valve |
| **Operation Type** | Direct Acting / Poppet Type |
| **Fluid Type** | Compressed Air / Non-corrosive gas |
| **Port Size** | M5 (Metric) |
| **Standard Voltage** | 24V DC (Most common for -R suffix) |
---
### 2. Electronic & Internal Parts Breakdown
The functionality of the M5MV-101-R relies on several key internal elements:
#### A. The Solenoid Coil
* **Function:** Converts electrical energy into magnetic force.
* **The "R" Suffix:** In CKD nomenclature, the "R" often signifies a specific electrical connection type (typically a **Plug-in Connector** or a specific **Lead Wire** orientation) and often includes a **Surge Suppressor**.
* **Power Consumption:** Designed for low wattage (typically around 0.6W to 1.0W) to reduce heat buildup and allow for PLC-driven control without high-power relays.
#### B. The Armature (Plunger)
* **Material:** Ferromagnetic stainless steel.
* **Action:** When the coil is energized, the magnetic field pulls the armature upward, overcoming the return spring force to open the air path.
#### C. Surge Suppressor (Internal)
* Most models in this series include a **Flyback Diode** or **Varistor**.
* **Purpose:** Protects the controlling electronics (like a PLC output card) from the inductive voltage spikes generated when the solenoid coil is de-energized.
#### D. Manual Override
* A small mechanical button or twist-lock located on the valve body.
* **Use:** Allows technicians to trigger the valve manually during setup or troubleshooting without needing an electrical signal.
---
### 3. Technical Specifications
| Parameter | Value (Typical) |
| :--- | :--- |
| **Operating Pressure Range** | 0 to 0.7 MPa (0 - 101 PSI) |
| **Response Time** | < 10ms (On) / < 15ms (Off) |
| **Proof Pressure** | 1.05 MPa |
| **Ambient Temperature** | 5 to 50°C (41 to 122°F) |
| **Electrical Entry** | Radial Lead Wire or Plug-in |
---
### 4. Common Applications
Due to its small footprint and reliability, the M5MV-101-R is found in:
1. **Semiconductor Manufacturing:** For precise air-knife control or wafer handling.
2. **Medical Equipment:** Controlling small volumes of air in diagnostic devices.
3. **Pick-and-Place Robots:** Actuating small vacuum cups or miniature grippers.
4. **Pilot Valves:** Acting as a trigger for much larger pneumatic valves.
---
- ⤷What is the difference between the M5MV-101-R and the M5MV-101-L model?
- ⤷ Can this valve be used with liquids instead of compressed air?
- ⤷ How do I wire the surge suppression circuit for this specific solenoid?