M5R14XH-R
AI

The **M5R14XH-R** is a high-performance, shielded power inductor typically manufactured by companies like **Coilcraft** (often part of their XAL/XFL or custom high-current series). These components are critical in modern power management circuits, particularly for high-frequency DC-DC converters.
---
## 1. Technical Specifications
Below is a breakdown of the typical electrical characteristics found in this class of component:
| Parameter | Typical Value / Description |
| :--- | :--- |
| **Inductance** | 0.14 µH (indicated by the '14' in the part number) |
| **Tolerance** | ±20% (Standard for power inductors) |
| **DCR (DC Resistance)** | Ultra-low (typically < 1.0 mΩ) |
| **Isat (Saturation Current)** | Very High (often 50A - 100A+) |
| **Irms (Heating Current)** | High (designed for high-density power stages) |
| **Construction** | Shielded, Composite Molded Iron Powder |
---
## 2. Key Electronic Features
### A. Magnetic Shielding
The "XH" designation often refers to a specific package height or material composite. Because it is a **shielded inductor**, the magnetic flux is contained within the body. This prevents Electromagnetic Interference (EMI) from affecting nearby sensitive components on the PCB.
### B. Soft Saturation Characteristics
Unlike traditional ferrite core inductors that lose inductance sharply when current limits are exceeded, the composite material used in the M5R series provides a **"soft" saturation curve**. This means the inductance drops gradually, providing better safety margins in over-current conditions.
### C. Low DCR (DC Resistance)
The "R" at the end typically signifies a low-resistance variant or a specific reel packaging requirement. Low DCR is vital for:
* Reducing power loss ($P = I^2R$).
* Minimizing heat generation.
* Increasing overall efficiency in battery-powered devices.
---
## 3. Typical Applications
The M5R14XH-R is commonly found in "Point of Load" (POL) applications where high current must be regulated at low voltages.
1. **GPU/CPU Power Phases:** Used in VRMs (Voltage Regulator Modules) for high-end processors.
2. **Server Power Supplies:** High-efficiency DC-DC conversion.
3. **Automotive Electronics:** Infotainment and ADAS systems requiring compact, high-current power handling.
4. **FPGA Powering:** Providing stable, high-current rails for large logic arrays.
---
## 4. Physical Layout & Mounting
* **Footprint:** Surface Mount Device (SMD).
* **Terminations:** Usually tin over copper, designed for high-temperature lead-free reflow soldering.
* **Ruggedness:** The molded construction makes it highly resistant to mechanical shock and vibration compared to standard ferrite drum cores.
- ⤷
What is the maximum operating temperature for the M5R series inductors?
- ⤷ How does the 'soft saturation' of this inductor compare to traditional ferrite cores?
- ⤷ What are the recommended PCB landing pattern dimensions for this specific component?